Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 218 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 218 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 214Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 215Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 216Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 217Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 218Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 219Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 220Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 221Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 222Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 288 page
background image
Sync Processor
Data Sheet
MC68HC908BD48 — Rev. 2.1
218
Sync Processor
Freescale Semiconductor
VEDGE — VSync Interrupt Edge Select
This bit specifies the triggering edge of Vsync interrupt. When it is "0",
the rising edge of internal Vsync signal which is either from the
VSYNC pin or extracted from the composite input signal will set VSIF
flag. When it is "1", the falling edge of internal Vsync signal will set
VSIF flag. Reset clears this bit.
1 = VSIF bit will be set by rising edge of Vsync
0 = VSIF bit will be set by falling edge of Vsync
VSIF — VSync Interrupt Flag
This flag is only set by the specified edge of the internal Vsync signal,
which is either from the VSYNC input pin or extracted from the
composite sync input signal. The triggering edge is specified by the
VEDGE bit. VSIF generates an interrupt request to the CPU if the
VSIE bit is also set. This bit is cleared by writing a "0" to it or by a reset.
1 = A valid edge is detected on the Vsync
0 = No valid Vsync is detected
COMP — Composite Sync Input Enable
This bit is set to enable the separator circuit which extracts the Vsync
pulse from the composite sync input on HSYNC or SOG pin (select by
SOGSEL bit). The extracted Vsync signal is used as it were from the
VSYNC input. Reset clears this bit.
1 = Composite Sync Input Enabled
0 = Composite Sync Input Disabled
VINVO —þVSYNCO Signal Polarity
This bit, together with the ATPOL bit in SPCR1 controls the output
polarity of the VSYNCO signal (see Table 16-5).
HINVO — HSYNCO Signal Polarity
This bit, together with the ATPOL bit in SPCR1 controls the output
polarity of the HSYNCO signal (see Table 16-5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com