Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 217 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 217 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 213Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 214Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 215Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 216Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 217Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 218Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 219Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 220Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 221Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 288 page
background image
Sync Processor
MC68HC908BD48 — Rev. 2.1
Data Sheet
Freescale Semiconductor
Sync Processor
217
16.5.5 Low Vertical Frequency Detect
Logic monitors the value of the Vsync Frequency Register (VFR), and
sets the low vertical frequency flag (LVSIF) when the value of VFR is
higher than $C00 (frequency below 40.7Hz). LVSIF bit can generate an
interrupt request to the CPU when the LVSIE bit is set and I-bit in the
Condition Code Register is "0". The LVSIF bit can help the system to
detect video off mode fast.
16.6 Registers
Eight registers are associated with the Sync Processor, they outlined in
the following sections.
16.6.1 Sync Processor Control & Status Register (SPCSR)
VSIE — VSync Interrupt Enable
When this bit is set, the VSIF flag is enabled to generate an interrupt
request to the CPU. When VSIE is cleared, the VSIF flag is prevented
from generating an interrupt request to the CPU. Reset clears this bit.
1 = VSIF bit set will generate interrupt request to CPU
0 = VSIF bit set does not generate interrupt request to CPU
Address:
$0040
Bit 7
654321
Bit 0
Read:
VSIE
VEDGE
VSIF
COMP
VINVO
HINVO
VPOL
HPOL
Write:
0
Reset:
00000000
= Unimplemented
Figure 16-3. Sync Processor Control & Status Register (SPCSR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com