Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 213 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 213 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 209Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 210Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 211Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 212Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 213Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 214Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 215Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 216Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 217Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 288 page
background image
Sync Processor
MC68HC908BD48 — Rev. 2.1
Data Sheet
Freescale Semiconductor
Sync Processor
213
16.5 Functional Blocks
Figure 16-1. Sync Processor Block Diagram
13-BIT COUNTER
÷ 48
A1
B S
EXTRACTED
VSYNC
A1
B S
SVF
COMP
SOUT
VINVO
VSYNCO
POLARITY DETECT
EDGE DETECT
VPOL
ONE SHOT
VEDGE
INTERNAL
BUS CLOCK
OVERFLOW DETECT
VOF
LVSIE
TO INTERRUPT
LOGIC
13-BIT COUNTER
ONE SHOT
OVERFLOW DETECT
CLK32/32.768
A1
B S
HSYNC
SOG
SOGSEL
A1
B S
POLARITY DETECT
HPOL
COMP
VSYNC EXTRACTOR
EXTRACTED VSYNC
B
A1 S
H/V SYNC
2µs
PULSE GENERATOR
SVF
SHF
CLAMP
PULSE GENERATOR
CLAMP
HSYNCO
VFLR
VFHR
HFLR
HFHR
BPOR
COINV
SOUT
HOVER
VPOL
VSIE
VSIF
$C00 DETECT
LVSIF
HINVO
HVOCR[2:0]
VSYNC
(125kHz)
(6MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com