Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 211 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 211 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 207Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 208Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 209Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 210Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 211Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 212Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 213Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 214Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 215Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 288 page
background image
Sync Processor
MC68HC908BD48 — Rev. 2.1
Data Sheet
Freescale Semiconductor
Sync Processor
211
16.3 Features
Features of the Sync Processor include the following:
•
Polarity detector
•
Horizontal frequency counter
•
Vertical frequency counter
•
Low vertical frequency indicator (40.7Hz)
•
Polarity controlled HSYNCO and VSYNCO outputs:
–
From separate Hsync and Vsync
–
From composite sync on HSYNC or SOG input pin
–
From internal selectable free running Hsync and Vsync pulses
•
CLAMP pulse output to the external pre-amp chip
•
Internal schmitt trigger on HSYNC, VSYNC, and SOG input pins
to improve noise immunity
16.4 I/O Pins
The Sync Processor uses six I/O pins, with four pins shared with
standard port I/O pins. The full name of the Sync Processor I/O pins are
listed in Table 16-1
. The generic pin name appear in the text that
follows.
Table 16-1. Pin Name Conventions
Sync Processor
Generic Pin Names:
Full MCU Pin Names:
Pin Selected for
Sync Processor Function By:
HSYNC
HSYNC
—
VSYNC
VSYNC
—
SOG
PTE0/SOG/TCH0
SOGE bit in CONFIG1 ($001D)
HSYNCO
PTE1/HSYNCO
HSYNCOE bit in CONFIG 1 ($001D)
VSYNCO
PTE2/VSYNCO
VSYNCOE bit in CONFIG 1 ($001D)
CLAMP
PTD4/CLAMP
CLAMPE bit in PDCR ($0049)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com