Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 124 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 124 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 120Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 121Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 122Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 123Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 124Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 125Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 126Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 127Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 128Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 288 page
background image
Monitor ROM (MON)
Data Sheet
MC68HC908BD48 — Rev. 2.1
124
Monitor ROM (MON)
Freescale Semiconductor
9.4.6 Baud Rate
The communication baud rate is controlled by crystal frequency and the
state of the PTC3 pin upon entry into monitor mode. When PTC3 is high,
the divide by ratio is 1024. If the PTC3 pin is at logic zero upon entry into
monitor mode, the divide by ratio is 512.
Table 9-8. RUN (Run User Program) Command
Description
Executes RTI instruction
Operand
None
Data
Returned
None
Opcode
$28
Command Sequence
RUN
RUN
ECHO
SENT TO
MONITOR
Table 9-9. Monitor Baud Rate Selection
Crystal Frequency
PTC3 Pin
Baud Rate
19.66 MHz
0
19200 bps
9.83 MHz
0
9600 bps
9.83 MHz
1
4800 bps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com