Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 126 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 126 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 122Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 123Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 124Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 125Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 126Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 127Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 128Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 129Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 130Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 288 page
background image
Timer Interface Module (TIM)
Data Sheet
MC68HC908BD48 — Rev. 2.1
126
Timer Interface Module (TIM)
Freescale Semiconductor
10.2 Introduction
This section describes the timer interface module (TIM2, version B). The
TIM is a two-channel timer that provides a timing reference with input
capture, output compare, and pulse-width-modulation functions. Figure
10-1 is a block diagram of the TIM.
10.3 Features
Features of the TIM include the following:
•
Two input capture/output compare channels
–
Rising-edge, falling-edge, or any-edge input capture trigger
–
Set, clear, or toggle output compare action
•
Buffered and unbuffered pulse width modulation (PWM) signal
generation
•
Programmable TIM clock input with 7-frequency internal bus clock
prescaler selection
•
Free-running or modulo up-count operation
•
Toggle any channel pin on overflow
•
TIM counter stop and reset bits
NOTE:
TCH1 (timer channel 1) is not bonded to an external pin on this MCU.
Therefore, any references to the timer TCH1 pin in the following text
should be interpreted as not available — but the internal status and
control registers are still available.
10.4 Pin Name Conventions
The TIM share one I/O pin with one port E I/O pin. The full name of the
TIM I/O pin is listed in Table 10-1
. The generic pin name appear in the
text that follows.
Table 10-1. Pin Name Conventions
TIM Generic Pin Names:
TCH0
TCH1
Full TIM Pin Names:
PTE0/SOG/TCH0
Not Available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com