Electronic Components Datasheet Search
  English  ▼

X  

MCP2140A Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP2140A
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140A Datasheet(HTML) 3 Page - Microchip Technology

  MCP2140A Datasheet HTML 1Page - Microchip Technology MCP2140A Datasheet HTML 2Page - Microchip Technology MCP2140A Datasheet HTML 3Page - Microchip Technology MCP2140A Datasheet HTML 4Page - Microchip Technology MCP2140A Datasheet HTML 5Page - Microchip Technology MCP2140A Datasheet HTML 6Page - Microchip Technology MCP2140A Datasheet HTML 7Page - Microchip Technology MCP2140A Datasheet HTML 8Page - Microchip Technology MCP2140A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
© 2007 Microchip Technology Inc.
DS22050A-page 3
MCP2140A
1.0
DEVICE OVERVIEW
The MCP2140A is a cost-effective, low pin count (18-
pin),
easy-to-use
device
for
implementing
IrDA
standard
wireless
connectivity.
The
MCP2140A
provides support for the IrDA standard protocol “stack”,
bit encoding/decoding and low cost, discrete IR
receiver
circuitry.
The
MCP2140A
is
footprint
compatible
with
the
MCP2140.
For
migration
assistance, please refer to Section 2.14 “Migrating
from the MCP2140 to the MCP2140A”.
The serial and IR interface baud rates are fixed at
9600 baud. The serial interface and IR interface baud
rates are dependent on the device frequency, but IrDA
standard operation requires a device frequency of
3.6864 MHz.
The MCP2140A will specify the IR baud rate to the
Primary Device during the Discover phase.
The MCP2140A can operate in Data Communication
Equipment (DCE) and Data Terminal Equipment (DTE)
applications, and resides between a UART and an
infrared optical transceiver.
The MCP2140A encodes an asynchronous serial data
stream, converting each data bit to the corresponding
infrared (IR) formatted pulse. IR pulses received are
decoded and then handled by the protocol handler
state machine. The protocol handler sends the
appropriate data bytes to the Host Controller in UART-
formatted serial data.
The MCP2140A supports “point-to-point” applications,
that is, one Primary device and one Secondary device.
The MCP2140A operates as a Secondary device and
does not support “multi-point” applications.
Sending data using IR light requires some hardware
and the use of specialized communication protocols.
These protocol and hardware requirements are
described, in detail, by the IrDA standard specifica-
tions. The encoding/decoding functionality of the
MCP2140A is designed to be compatible with the
physical layer component of the IrDA standard. This
part of the standard is often referred to as “IrPHY”.
Some of the devices that the MCP2140A is compatible
with include:
• PCs with IR ports
•PDAs
• 16-bit PIC Microcontroller IrDA Standard Stack
Library
The complete IrDA standard specification is available
for download from the IrDA web site at www.IrDA.org.
1.1
Applications
The MCP2140A Infrared Communications Controller,
supporting the IrDA standard, provides embedded
system designers the easiest way to implement IrDA
standard wireless connectivity. Figure 1-1 shows a
typical application block diagram, while Table 1-1
shows the pin definitions.
TABLE 1-1:
OVERVIEW OF FEATURES
Infrared communication is a wireless, two-way data
connection using infrared light generated by low-cost
transceiver signaling technology. This provides reliable
communication between two devices.
Infrared technology offers:
• Universal standard for connecting portable
computing devices
• Easy, effortless implementation
• Economical alternative to other connectivity
solutions
• Reliable, high-speed connections
• Safe to use in any environment (can even be
used during air travel)
• No emissions testing needed (FCC, Part 15)
• Eliminates the hassle of cables
• Allows PCs and other electronic devices (such as
PDAs, cell phones, etc.) to communicate with
each other
• Enhances mobility by allowing users to easily
connect
The MCP2140A allows the easy addition of IrDA
standard wireless connectivity to any embedded
application that uses serial data. Figure 1-1 shows
typical implementation of the MCP2140A in an
embedded system.
The IrDA protocol for printer support is not included in
the IrCOMM 9-wire “cooked” service class.
Features
MCP2140A
Serial Communications
UART, IR
Baud Rate Selection
Fixed
Low Power Mode
Yes - Automatic
Resets (and Delays)
RESET, POR
(PWRT and OST)
Packages
18-pin DIP, SOIC,
20-pin SSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com