Electronic Components Datasheet Search
  English  ▼

X  

MCP2140A Datasheet(PDF) 52 Page - Microchip Technology

Part # MCP2140A
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140A Datasheet(HTML) 52 Page - Microchip Technology

Back Button MCP2140A Datasheet HTML 48Page - Microchip Technology MCP2140A Datasheet HTML 49Page - Microchip Technology MCP2140A Datasheet HTML 50Page - Microchip Technology MCP2140A Datasheet HTML 51Page - Microchip Technology MCP2140A Datasheet HTML 52Page - Microchip Technology MCP2140A Datasheet HTML 53Page - Microchip Technology MCP2140A Datasheet HTML 54Page - Microchip Technology MCP2140A Datasheet HTML 55Page - Microchip Technology MCP2140A Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
MCP2140A
DS22050A-page 52
© 2007 Microchip Technology Inc.
The IrDA Standard specifies the following protocols:
• Physical Signaling Layer (PHY)
• Link Access Protocol (IrLAP)
• Link Management Protocol/Information Access
Service (IrLMP/IAS)
The IrDA data lists optional protocols. They are:
•Tiny TP
• IrTran-P
• IrOBEX
•IrLAN
•IrCOMM
• IrMC
•IrDA Lite
Figure C-2 shows the IrDA data protocol stack and
which
components
are
implemented
by
the
MCP2140A.
FIGURE C-2:
IRDA DATA - PROTOCOL
STACKS
C.1
IrDA STANDARD DATA
PROTOCOLS SUPPORTED BY
MCP2140A
The MCP2140A supports these required IrDA standard
protocols:
• Physical Signaling Layer (PHY)
• Link Access Protocol (IrLAP)
• Link Management Protocol/Information Access
Service (IrLMP/IAS)
The MCP2140A also supports some of the optional
protocols for IrDA data. The optional protocols that the
MCP2140A implements are:
•Tiny TP
•IrCOMM
C.1.1
PHYSICAL SIGNAL LAYER (PHY)
The MCP2140A provides the following Physical Signal
Layer specification support:
• Bidirectional communication
• Data Packets are protected by a CRC
- 16-bit CRC for speeds up to 115.2 kbaud
• Data Communication Rate
- 9600 baud minimum data rate (with primary
speed/cost steps of 115.2 kbaud
The
following
Physical
Layer
Specification
is
dependant on the optical transceiver logic used in the
application. The specification states:
• Communication Range, which sets the end user
expectation for discovery, recognition and
performance
- Continuous operation from contact to at least
1 meter (typically 2 meters can be reached)
- A low power specification reduces the
objective for operation from contact to at
least 20 cm (low power and low power) or
30 cm (low power and standard power)
IrComm (1)
IR Link Management - Mux (IrLMP)
IR Link Access Protocol (IrLAP)
Optional IrDA data
protocols not
Supported by
the MCP2140A
supported by
the MCP2140A
IrTran-P
IrObex IrLan
IrMC
LM-IAS
Tiny Transport Protocol (Tiny TP)
Synchronous
4 PPM
(4 Mb/s)
Synchronous
Serial IR
(1.152 Mb/s)
Asynchronous
Serial IR (2, 3)
(9600 -115200 b/s)
Note 1:
The MCP2140A implements the 9-wire
“cooked” service class serial replicator.
2:
The MCP2140A is fixed at 9600 Baud.
3:
An optical transceiver is required.
Note:
MCP2140A supports 9600 Baud only.
Note:
MCP2140A supports 9600 Baud only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com