Electronic Components Datasheet Search
  English  ▼

X  

MCP2140A Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP2140A
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140A Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP2140A Datasheet HTML 3Page - Microchip Technology MCP2140A Datasheet HTML 4Page - Microchip Technology MCP2140A Datasheet HTML 5Page - Microchip Technology MCP2140A Datasheet HTML 6Page - Microchip Technology MCP2140A Datasheet HTML 7Page - Microchip Technology MCP2140A Datasheet HTML 8Page - Microchip Technology MCP2140A Datasheet HTML 9Page - Microchip Technology MCP2140A Datasheet HTML 10Page - Microchip Technology MCP2140A Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
© 2007 Microchip Technology Inc.
DS22050A-page 7
MCP2140A
2.0
DEVICE OPERATION
The MCP2140A serial interface and IR baud rates are
fixed at 9600 baud, given a 3.6864 MHz device clock.
2.1
Power-Up
Any time the device is powered up (Parameter D003),
the Power-Up Timer delay (Parameter 33) occurs, fol-
lowed by an Oscillator Start-up Timer (OST) delay
(Parameter 32). Once these delays complete, commu-
nication with the device may be initiated. This commu-
nication is from both the infrared transceiver’s side and
the controller’s UART interface.
2.1.1
POWER-ON AND BROWN-OUT
CONDITIONS
When any state machine is operated outside of its’
specified operating conditions, undesired operation
may occur. Application validation should be done to
determine when the system exits from either a
power-on or a brown-out conditions if the MCP2140A
requires the use of an external voltage supervisory cir-
cuit to ensure proper system operation.
2.2
Device Reset
The MCP2140A is forced into the reset state when the
RESET pin is in the low state. Once the RESET pin is
brought to a high state, the Device Reset sequence
occurs. Once the sequence completes, functional
operation begins.
2.3
Device Clocks
The MCP2140A requires a clock source to operate.
This clock source is used to eystablish the device tim-
ing, including the device “Bit Clock”.
2.3.1
CLOCK SOURCE
The clock source can be supplied by one of the
following:
• Crystal
• Resonator
• External clock
The
frequency
of
this
clock
source
must
be
3.6864 MHz (electrical specification Parameter 1A) for
device communication at 9600 baud.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com