Electronic Components Datasheet Search
  English  ▼

X  

MCP2140A Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP2140A
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140A Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP2140A Datasheet HTML 10Page - Microchip Technology MCP2140A Datasheet HTML 11Page - Microchip Technology MCP2140A Datasheet HTML 12Page - Microchip Technology MCP2140A Datasheet HTML 13Page - Microchip Technology MCP2140A Datasheet HTML 14Page - Microchip Technology MCP2140A Datasheet HTML 15Page - Microchip Technology MCP2140A Datasheet HTML 16Page - Microchip Technology MCP2140A Datasheet HTML 17Page - Microchip Technology MCP2140A Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
MCP2140A
DS22050A-page 14
© 2007 Microchip Technology Inc.
2.7
IrDA DATA PROTOCOLS
SUPPORTED BY MCP2140A
The MCP2140A supports these required IrDA standard
protocols:
• Physical Signaling Layer (PHY)
• Link Access Protocol (IrLAP)
• Link Management Protocol/Information Access
Service (IrLMP/IAS)
The MCP2140A also supports some of the optional
protocols for IrDA standard data. The optional
protocols implemented by the MCP2140A are:
•Tiny TP
•IrCOMM
Figure 2-8 shows the IrDA data protocol stack and
those components implemented by the MCP2140A.
FIGURE 2-8:
IrDA DATA - PROTOCOL
STACKS
2.7.1
IRCOMM
IrCOMM provides the method to support serial and par-
allel port emulation. This is useful for legacy COM
applications, such as printers and modem devices.
The IrCOMM standard is a syntax that allows the Pri-
mary device to consider the Secondary device a serial
device. IrCOMM allows for emulation of serial or paral-
lel (printer) connections of various capabilities. The
MCP2140A supports the 9-wire “cooked” service class
of IrCOMM. Other service classes supported by
IrCOMM are shown in Figure 2-9.
The IrDA protocol for printer support is not included in
the IrCOMM 9-wire “cooked” service class.
FIGURE 2-9:
IRCOMM SERVICE CLASSES
IrComm (1)
IR Link Management - Mux (IrLMP)
IR Link Access Protocol (IrLAP)
Optional IrDA data
protocols not
Supported by
the MCP2140A
supported by
the MCP2140A
IrTran-P
IrObex IrLan
IrMC
LM-IAS
Tiny Transport Protocol (Tiny TP)
Synchronous
4 PPM
(4 Mb/s)
Synchronous
Serial IR
(1.152 Mb/s)
Asynchronous
Serial IR (2, 3)
(9600 -115200 b/s)
Note 1: The MCP2140A implements the 9-wire
“cooked” service class serial replicator.
2:
The MCP2140A is fixed at 9600 baud
3:
An optical transceiver is required.
IrCOMM Services
Uncooked Services
Cooked Services
Parallel
Serial
IrLPT
3-wire Raw
Parallel
Centronics
IEEE 1284
Serial
3-wire Cooked
9-wire Cooked
Supported by MCP2140A
3-wire Raw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com