Electronic Components Datasheet Search
  English  ▼

X  

MCP2140A Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP2140A
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140A Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP2140A Datasheet HTML 2Page - Microchip Technology MCP2140A Datasheet HTML 3Page - Microchip Technology MCP2140A Datasheet HTML 4Page - Microchip Technology MCP2140A Datasheet HTML 5Page - Microchip Technology MCP2140A Datasheet HTML 6Page - Microchip Technology MCP2140A Datasheet HTML 7Page - Microchip Technology MCP2140A Datasheet HTML 8Page - Microchip Technology MCP2140A Datasheet HTML 9Page - Microchip Technology MCP2140A Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
MCP2140A
DS22050A-page 6
© 2007 Microchip Technology Inc.
RTS
13
13
14
I
TTL
Request to Send. Indicates that a Host Controller is ready to
receive data from the MCP2140A. This signal is locally
emulated and not related to the CTS/RTS bit of the IrDA
Primary device.
1
= Host Controller not ready to receive data
0
= Host Controller ready to receive data
VDD
14
14
15, 16
—
P
Positive supply for logic and I/O pins.
OSC2
15
15
17
O
—
Oscillator crystal output.
OSC1/CLKIN
16
16
18
I
CMOS Oscillator crystal input/external clock source input.
CD
17
17
19
I
ST
Carrier Detect. The state of this bit is communicated to the
IrDA Primary device via the IrDA CD bit.
1
= No Carrier Present
0
= Carrier Present
RXPD
18
18
20
I
A
IR RX Photo Detect Diode input. This input signal is required
to be a pulse to indicate an IR bit. When the amplitude of the
signal crosses the amplitude threshold set by the RXPDREF
pin, the IR bit is detected.
TABLE 1-1:
MCP2140A PIN DESCRIPTION NORMAL OPERATION (DCE) (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
PDIP
SOIC
SSOP
Description
Legend:
TTL = TTL compatible input
ST = Schmitt Trigger input with CMOS levels
A = Analog
P = Power
CMOS = CMOS compatible input
OC = Open collector output
I = Input
O = Output
Note 1:
The state of the DSR output pin does not reflect the state of the DTR bit of the IrDA Primary Device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com