Electronic Components Datasheet Search
  English  ▼

X  

AM29245EH Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AM29245EH
Description  Enhanced High-Performance RISC Microcontrollers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29245EH Datasheet(HTML) 2 Page - Advanced Micro Devices

  AM29245EH Datasheet HTML 1Page - Advanced Micro Devices AM29245EH Datasheet HTML 2Page - Advanced Micro Devices AM29245EH Datasheet HTML 3Page - Advanced Micro Devices AM29245EH Datasheet HTML 4Page - Advanced Micro Devices AM29245EH Datasheet HTML 5Page - Advanced Micro Devices AM29245EH Datasheet HTML 6Page - Advanced Micro Devices AM29245EH Datasheet HTML 7Page - Advanced Micro Devices AM29245EH Datasheet HTML 8Page - Advanced Micro Devices AM29245EH Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
P R E L I M I N A R Y
2
Am29240 EH Microcontroller Series
™
Am29240EH MICROCONTROLLER BLOCK DIAGRAM
Interrupts, Traps
DRAM
Space
ROM
Memory
Serial Ports
Parallel Port
Controller
4-Channel DMA
Controller
Programmable
Interrupt
DRAM Controller
Timer/Counter
I/O Port
Controller
Serializer/
Deserializer
ROM
Controller
PIA
Controller
Am29000 CPU
Peripherals
624
32
PIA
Chip Selects
Address
Bus
Instruction/Data
Bus
4
4
6
16
6
4/4
ROM
Chip Selects
Serial
Data
Printer/Scanner
Video
I/O
6
11
Parallel Port
Control/Status
Lines
Dual
2K DCache
32x32 Multiply
MMU
4K ICache
4 DREQ
5
8
Clock/
Lines
Control
JTAG
4
STAT
MEMCLK
4 DACK
GREQ/GACK/TDMA
r
RAS/CAS
Am29245EH MICROCONTROLLER BLOCK DIAGRAM
Interrupts, Traps
DRAM
Space
ROM
Memory
Serial Port
Parallel Port
Controller
2-Channel DMA
Controller
Programmable
Interrupt
DRAM Controller
Timer/Counter
I/O Port
Controller
Serializer/
Deserializer
ROM
Controller
PIA
Controller
Am29000 CPU
Peripherals
624
32
PIA
Chip Selects
Address
Bus
Instruction/Data
Bus
4
4
4
16
6
4/4
ROM
Chip Selects
Serial
Data
Printer/Scanner
Video
I/O
6
7
Parallel Port
Control/Status
Lines
Single
MMU
4K ICache
2 DREQ
5
8
Clock/
Lines
Control
JTAG
4
STAT
MEMCLK
2 DACK
GREQ/GACK/TDMA
RAS/CAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com