Electronic Components Datasheet Search
  English  ▼

X  

AM29245EH Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM29245EH
Description  Enhanced High-Performance RISC Microcontrollers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29245EH Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM29245EH Datasheet HTML 1Page - Advanced Micro Devices AM29245EH Datasheet HTML 2Page - Advanced Micro Devices AM29245EH Datasheet HTML 3Page - Advanced Micro Devices AM29245EH Datasheet HTML 4Page - Advanced Micro Devices AM29245EH Datasheet HTML 5Page - Advanced Micro Devices AM29245EH Datasheet HTML 6Page - Advanced Micro Devices AM29245EH Datasheet HTML 7Page - Advanced Micro Devices AM29245EH Datasheet HTML 8Page - Advanced Micro Devices AM29245EH Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
P R E L I M I N A R Y
3
Am29240 EH Microcontroller Series
™
Am29243EH MICROCONTROLLER BLOCK DIAGRAM
Interrupts, Traps
DRAM
Space
ROM
Memory
Serial Ports
Parallel Port
Controller
4-Channel DMA
Controller
Programmable
Interrupt
DRAM Controller
Timer/Counter
I/O Port
Controller
ROM
Controller
PIA
Controller
Am29000 CPU
Peripherals
624
32
PIA
Chip Selects
Address
Bus
Instruction/Data
Bus
4
5
6
16
6
4/4
ROM
Chip Selects
Serial
Data
I/O
6
11
Parallel Port
Control/Status
Lines
Dual
2K DCache
32x32 Multiply
MMU
4K ICache
4 DREQ
8
Clock/
Lines
Control
4
STAT
MEMCLK
4 DACK
GREQ/GACK/TDMA
36
32
RAS/CAS
5
JTAG
DRAM Parity
CUSTOMER SERVICE
AMD’s customer service network includes U.S. offices,
international offices, and a customer training center. Ex-
pert technical assistance is available from AMD’s world-
wide staff of field application engineers and support staff.
For answers to technical questions, AMD
r provides a
toll-free number for direct access to our corporate ap-
plications hotline. Also available is the AMD World Wide
Web home page and FTP site, which provides the latest
29K family product information.
Corporate Applications Hotline
(800) 222-9323, option 5
toll-free for U.S.
44-(0) 1276-803-299
U.K. and Europe hotline
Engineering Support
lpd.support@amd.com
e-mail
World Wide Web Home Page and FTP Site
To access the AMD home page on the web, go to:
http:/www.amd.com. Questions, requests, and input
concerning AMD’s WWW pages can be sent via e-mail
to webmaster@amd.com.
To
download
documents
and
software,
ftp
to
ftp.amd.com and log on as anonymous using your e-mail
address as a password. Or, with your web browser, go to
ftp://ftp.amd.com.
Documentation and Literature
A simple phone call gets you free 29K family informa-
tion such as data sheets, user’s manuals, application
notes, the Fusion29K Partner Solutions Catalog, and
other literature. Internationally, contact your local AMD
sales office for complete 29K family literature.
Literature Ordering
(800) 222-9323, option 3
toll-free for U.S.
(512) 602-5651
direct dial worldwide
(800) 222-9323, option 2
AMD Facts-On-Demand
™
fax information service
toll-free for U.S., Canada
RELATED DOCUMENTS
The
Am29240EH, Am29245EH, and Am29243EH
RISC Microcontrollers User’s Manual (order #17741)
describes the technical features, programming inter-
face, on-chip peripherals, register set, and instruction
set for the Am29240EH microcontroller series.
Programming the 29K RISC Family (order #19243) in-
cludes comprehensive information about the 29K family
for the software developer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com