Electronic Components Datasheet Search
  English  ▼

X  

AM29245EH Datasheet(PDF) 35 Page - Advanced Micro Devices

Part # AM29245EH
Description  Enhanced High-Performance RISC Microcontrollers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29245EH Datasheet(HTML) 35 Page - Advanced Micro Devices

Back Button AM29245EH Datasheet HTML 28Page - Advanced Micro Devices AM29245EH Datasheet HTML 29Page - Advanced Micro Devices AM29245EH Datasheet HTML 30Page - Advanced Micro Devices AM29245EH Datasheet HTML 31Page - Advanced Micro Devices AM29245EH Datasheet HTML 32Page - Advanced Micro Devices AM29245EH Datasheet HTML 33Page - Advanced Micro Devices AM29245EH Datasheet HTML 34Page - Advanced Micro Devices AM29245EH Datasheet HTML 35Page - Advanced Micro Devices AM29245EH Datasheet HTML 36Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
P R E L I M I N A R Y
35
Am29240 EH Microcontroller Series
™
PQR 208 (continued)
0.20 Min. Flat Shoulder
7
° Typ.
0
° Min.
0.30
±0.05 R
Gage
Plane
0.25
0.50
0.75
0
°–7°
7
° Typ.
Detail X
0.18
0.30
0.13
0.20
3.95
Max
Section S–S
0.13
0.20
0.18
0.30
Notes:
All measurements are in millimeters unless otherwise noted.
Not to scale. For reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com