Electronic Components Datasheet Search
  English  ▼

X  

AM29245EH Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM29245EH
Description  Enhanced High-Performance RISC Microcontrollers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29245EH Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM29245EH Datasheet HTML 1Page - Advanced Micro Devices AM29245EH Datasheet HTML 2Page - Advanced Micro Devices AM29245EH Datasheet HTML 3Page - Advanced Micro Devices AM29245EH Datasheet HTML 4Page - Advanced Micro Devices AM29245EH Datasheet HTML 5Page - Advanced Micro Devices AM29245EH Datasheet HTML 6Page - Advanced Micro Devices AM29245EH Datasheet HTML 7Page - Advanced Micro Devices AM29245EH Datasheet HTML 8Page - Advanced Micro Devices AM29245EH Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
P R E L I M I N A R Y
5
Am29240 EH Microcontroller Series
™
ORDERING INFORMATION
Standard Products
AMD
r standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the elements below.
Am29240EH
–25
C
TEMPERATURE RANGE
C = Commercial (TC = 0°C to +85°C)
PACKAGE TYPE
K = 208-Lead Plastic Quad Flat Pack (PQR 208)
SPEED OPTION
DEVICE NUMBER/DESCRIPTION
Am29240EH Enhanced RISC Microcontroller
Am29245EH Enhanced RISC Microcontroller
Am29243EH Enhanced RISC Data Microcontroller
Valid Combinations
Valid
Combinations
lists
configurations
planned to be supported in volume. Consult
the local AMD sales office to confirm
availability of specific valid combinations, to
check on newly released combinations, and
to obtain additional data on AMD standard
military grade products.
Valid Combinations
–25 = 25 MHz
–20 = 20 MHz
–16 = 16 MHz
K\W
PROCESSING
\W = Trimmed and Formed
Am29240EH–20
KC\W
Am29243EH–20
Am29245EH–16
KC\W
Am29240EH–25
KC\W
Am29243EH–25
RELATED AMD PRODUCTS
29K Family Devices
Product
Description
Am29000R
32-bit RISC microprocessor
Am29005
™
Low-cost 32-bit RISC microprocessor with no MMU and no branch target cache
Am29030
™
32-bit RISC microprocessor with 8-Kbyte instruction cache
Am29035
™
32-bit RISC microprocessor with 4-Kbyte instruction cache
Am29040
™
32-bit RISC microprocessor with 8-Kbyte instruction cache and 4-Kbyte data cache
Am29050
™
32-bit RISC microprocessor with on-chip floating point
Am29200
™
32-bit RISC microcontroller
Am29202
™
Low-cost 32-bit RISC microcontroller with IEEE-1284-compliant parallel interface
Am29205
™
Low-cost 32-bit RISC microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com