Electronic Components Datasheet Search
  English  ▼

X  

AM29245EH Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM29245EH
Description  Enhanced High-Performance RISC Microcontrollers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29245EH Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM29245EH Datasheet HTML 1Page - Advanced Micro Devices AM29245EH Datasheet HTML 2Page - Advanced Micro Devices AM29245EH Datasheet HTML 3Page - Advanced Micro Devices AM29245EH Datasheet HTML 4Page - Advanced Micro Devices AM29245EH Datasheet HTML 5Page - Advanced Micro Devices AM29245EH Datasheet HTML 6Page - Advanced Micro Devices AM29245EH Datasheet HTML 7Page - Advanced Micro Devices AM29245EH Datasheet HTML 8Page - Advanced Micro Devices AM29245EH Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
This document contains information on a product under development at Advanced Micro Devices, Inc. The information is intended
to help you evaluate this product. AMD
® reserves the right to change or discontinue work on this proposed product without notice.
Publication #: 20068
Rev. A Amendment: /0
Issue Date: May 1997
Am29240 EH, Am29245 EH, and
Am29243 EH
Enhanced High-Performance RISC Microcontrollers
5/2/97
™
™
™
PRELIMINARY
DISTINCTIVE CHARACTERISTICS
All three microcontrollers in the Am29240
™EH micro-
controller series have the following characteristics:
Completely integrated system for embedded
applications
Full 32-bit architecture
4-Kbyte, two-way set-associative instruction
cache
4-Gbyte virtual address space, 304-Mbyte
physical space implemented
Glueless system interfaces with on-chip wait
state control
36 VAX MIPS (million instructions per second)
sustained at 25 MHz
Four banks of ROM, each separately
programmable for 8-, 16-, or 32-bit interface
Four banks of DRAM
Single-cycle ROM burst-mode and DRAM
page-mode access
DRAM timing is software-programmable for 3/1
or 2/1 initial/burst access cycles
6-port peripheral interface adapter
16-line programmable I/O port
Bidirectional parallel port controller
Interrupt controller
Fully pipelined integer unit
Three-address instruction architecture
192 general purpose registers
Traceable Cache
™ technology instruction and
data cache tracing
IEEE Std 1149.1-1990 (JTAG) compliant
Standard Test Access Port and
Boundary Scan Architecture
Binary compatibility with all 29K
™ family
microprocessors and microcontrollers
CMOS technology/TTL compatible
208-pin Plastic Quad Flat Pack (PQFP) package
3.3-V power supply with 5-V-tolerant I/O
Am29240EH Microcontroller
The Am29240EH microcontroller has the following addi-
tional features:
2-Kbyte, two-way set-associative data cache
Single-cycle 32-bit multiplier for faster integer
math; two-cycle Multiply Accumulate (MAC)
function
16-entry on-chip Memory Management Unit
(MMU) with one Translation Look-Aside Buffer
4-channel double-buffered DMA controller with
queued reload
Two serial ports (UARTs)
Bidirectional bit serializer/deserializer
20- and 25-MHz operating frequencies
Am29243EH Microcontroller
The Am29243
™EH data microcontroller is similar to the
Am29240EH microcontroller, without the video inter-
face. It includes the following features:
2-Kbyte, two-way set-associative data cache
Single-cycle 32-bit multiplier for faster integer
math; two-cycle MAC
32-entry on-chip MMU with dual TLBs
4-channel, double-buffered DMA controller with
queued reload
Two serial ports (UARTs)
20- and 25-MHz operating frequencies
DRAM parity
Am29245EH Microcontroller
The low-cost Am29245
™EH microcontroller is similar to
the Am29240EH microcontroller, without the data cache
and 32-bit multiplier. It includes the following features:
16-entry on-chip MMU with one TLB
Two-channel DMA controller
One serial port (UART)
Bidirectional bit serializer/deserializer
16-MHz operating frequency


Similar Part No. - AM29245EH

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM2922 AMD-AM2922 Datasheet
322Kb / 7P
Eight Input multiplexer with Control Register
AM2922 AMD-AM2922 Datasheet
1Mb / 28P
MICROPROGRAM SEQUENCER BLOCK DIAGRAM
AM2922DC AMD-AM2922DC Datasheet
322Kb / 7P
Eight Input multiplexer with Control Register
AM2922DCB AMD-AM2922DCB Datasheet
322Kb / 7P
Eight Input multiplexer with Control Register
AM2922DM AMD-AM2922DM Datasheet
322Kb / 7P
Eight Input multiplexer with Control Register
More results

Similar Description - AM29245EH

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F010 MICROCHIP-PIC18F010 Datasheet
2Mb / 176P
High Performance Microcontrollers
2001
PIC18F258 MICROCHIP-PIC18F258 Datasheet
5Mb / 384P
High Performance, 28/40-Pin Enhanced FLASH Microcontrollers with CAN
2002
PIC18F45J10 MICROCHIP-PIC18F45J10 Datasheet
5Mb / 358P
28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology
2007
PIC18F45J10 MICROCHIP-PIC18F45J10_09 Datasheet
5Mb / 368P
28/40/44-Pin High-Performance, RISC Microcontrollers
2009
PIC18F87K22 MICROCHIP-PIC18F87K22_11 Datasheet
4Mb / 548P
64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
2011
PIC18F452-IPT MICROCHIP-PIC18F452-IPT Datasheet
5Mb / 332P
High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
PIC18F242-I-SO MICROCHIP-PIC18F242-I-SO Datasheet
5Mb / 332P
High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
PIC18F442-I MICROCHIP-PIC18F442-I Datasheet
5Mb / 332P
High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
PIC18F1220-I MICROCHIP-PIC18F1220-I Datasheet
5Mb / 308P
18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
12/08/06
PIC18F86K22-I MICROCHIP-PIC18F86K22-I Datasheet
4Mb / 550P
64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
05/02/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com