Electronic Components Datasheet Search
  English  ▼

X  

AM29243EH Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # AM29243EH
Description  Enhanced High-Performance RISC Microcontrollers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29243EH Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button AM29243EH Datasheet HTML 13Page - Advanced Micro Devices AM29243EH Datasheet HTML 14Page - Advanced Micro Devices AM29243EH Datasheet HTML 15Page - Advanced Micro Devices AM29243EH Datasheet HTML 16Page - Advanced Micro Devices AM29243EH Datasheet HTML 17Page - Advanced Micro Devices AM29243EH Datasheet HTML 18Page - Advanced Micro Devices AM29243EH Datasheet HTML 19Page - Advanced Micro Devices AM29243EH Datasheet HTML 20Page - Advanced Micro Devices AM29243EH Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
P R E L I M I N A R Y
17
Am29240 EH Microcontroller Series
™
PQFP PIN DESIGNATIONS (Pin Name)
Pin Name
Pin No.
Pin Name
Pin No.
Pin Name
Pin No.
Pin Name
Pin No.
A0
136
GND
91
INTR0
189
RESET
202
A1
135
GND
102
INTR1
190
ROMCS0
67
A2
134
GND
107
INTR2
191
ROMCS1
66
A3
133
GND
117
INTR3
192
ROMCS2
65
A4
132
GND
127
LSYNC 2
197
ROMCS3
64
A5
131
GND
137
MEMCLK
2
ROMOE
72
A6
130
GND
147
MEMDRV
3
RSWE
71
A7
129
GND
154
PACK
145
RXDA
60
A8
126
GND
159
PAUTOFD
141
RXDB 3
58
A9
125
GND
169
PBUSY
146
STAT0
178
A10
124
GND
181
PIACS0
93
STAT1
177
A11
123
GND
193
PIACS1
92
STAT2
176
A12
122
GND
207
PIACS2
89
TCK
200
A13
121
Reserved
208
PIACS3
88
TDI
201
A14
120
GREQ
183
PIACS4
87
TDMA
186
A15
119
ID0
44
PIACS5
86
TDO
175
A16
116
ID1
43
PIAOE
95
TMS
198
A17
115
ID2
42
PIAWE
94
TR/OE
83
A18
114
ID3
41
PIO0
174
TRAP0
187
A19
113
ID4
40
PIO1
173
TRAP1
188
A20
112
ID5
39
PIO2
172
TRIST
205
A21
111
ID6
38
PIO3
171
TRST
199
A22
110
ID7
37
PIO4
168
TXDA
63
A23
109
ID8
34
PIO5
167
TXDB 3
57
BOOTW
139
ID9
33
PIO6
166
UCLK
61
BURST
70
ID10
32
PIO7
165
Reserved
1
CAS0
82
ID11
31
PIO8
164
VCC
5
CAS1
81
ID12
30
PIO9
163
VCC
16
CAS2
78
ID13
29
PIO10
162
VCC
26
CAS3
77
ID14
28
PIO11
161
VCC
36
CNTL0
204
ID15
27
PIO12
160
VCC
46
CNTL1
203
ID16
24
PIO13
151
VCC
54
DACKA
98
ID17
23
PIO14
150
VCC
68
DACKB
97
ID18
22
PIO15
149
VCC
79
DACKC 3
100
ID19
21
POE
144
VCC
90
DACKD 3
99
ID20
20
PSTROBE
142
VCC
101
DREQA
185
ID21
19
PSYNC 2
180
VCC
106
DREQB
184
ID22
18
PWE
143
VCC
118
DREQC 3
153
ID23
17
R/W
96
VCC
128
DREQD 3
152
ID24
14
RAS0
76
VCC
138
DSRA
62
ID25
13
RAS1
75
VCC
148
DTRA
59
ID26
12
RAS2
74
VCC
155
GACK
85
ID27
11
RAS3
73
VCC
158
GND
6
ID28
10
Reserved
52
VCC
170
GND
15
ID29
9
Reserved
53
VCC
182
GND
25
ID30
8
Reserved
56
VCC
194
GND
35
ID31
7
Reserved
103
VCC
206
GND
45
IDP0 1, 3
50
Reserved
104
VCLK 2
196
GND
51
IDP1 1, 3
49
Reserved
105
VDAT 2
179
GND
55
IDP2 1, 3
48
Reserved
108
WAIT
140
GND
69
IDP3 1, 3
47
Reserved
156
WARN
195
GND
80
INCLK
4
Reserved
157
WE
84
Notes:
1. Defined as no-connect on Am29240EH microcontroller.
2. Defined as no-connect on Am29243EH microcontroller.
3. Defined as no-connect on Am29245EH microcontroller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com