Electronic Components Datasheet Search
  English  ▼

X  

AM29243EH Datasheet(PDF) 24 Page - Advanced Micro Devices

Part # AM29243EH
Description  Enhanced High-Performance RISC Microcontrollers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29243EH Datasheet(HTML) 24 Page - Advanced Micro Devices

Back Button AM29243EH Datasheet HTML 20Page - Advanced Micro Devices AM29243EH Datasheet HTML 21Page - Advanced Micro Devices AM29243EH Datasheet HTML 22Page - Advanced Micro Devices AM29243EH Datasheet HTML 23Page - Advanced Micro Devices AM29243EH Datasheet HTML 24Page - Advanced Micro Devices AM29243EH Datasheet HTML 25Page - Advanced Micro Devices AM29243EH Datasheet HTML 26Page - Advanced Micro Devices AM29243EH Datasheet HTML 27Page - Advanced Micro Devices AM29243EH Datasheet HTML 28Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
P R E L I M I N A R Y
24
Am29240 EH Microcontroller Series
™
SWITCHING WAVEFORMS
16a
14
5
3
2
1
25
INCLK
MEMCLK
4
0.8 V
1.5 V
2.0 V
10
9
8
0.8 V
1.5 V
VCC –0.6 V
11
6
SYNCHRONOUS
OUTPUTS
SYNCHRONOUS
INPUTS
ASYNCHRONOUS
INPUTS
UCLK, VCLK
18
21
20
19
0.8 V
1.5 V
2.0 V
22
VCLK-RELATIVE
OUTPUTS
VCLK-RELATIVE
INPUTS
1.5 V
Note: Video Timing may be
relative to VCLK falling edge
if CLK = 1.
13
17
23
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
Note:
During AC testing, all inputs are driven at VIL = 0.4 V, VIH = 2.4 V.
24
CASx
Note: See Note 4 on page 23.
12a
16b
1.5 V
12b
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com