Electronic Components Datasheet Search
  English  ▼

X  

AM29243EH Datasheet(PDF) 33 Page - Advanced Micro Devices

Part # AM29243EH
Description  Enhanced High-Performance RISC Microcontrollers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29243EH Datasheet(HTML) 33 Page - Advanced Micro Devices

Back Button AM29243EH Datasheet HTML 28Page - Advanced Micro Devices AM29243EH Datasheet HTML 29Page - Advanced Micro Devices AM29243EH Datasheet HTML 30Page - Advanced Micro Devices AM29243EH Datasheet HTML 31Page - Advanced Micro Devices AM29243EH Datasheet HTML 32Page - Advanced Micro Devices AM29243EH Datasheet HTML 33Page - Advanced Micro Devices AM29243EH Datasheet HTML 34Page - Advanced Micro Devices AM29243EH Datasheet HTML 35Page - Advanced Micro Devices AM29243EH Datasheet HTML 36Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
P R E L I M I N A R Y
33
Am29240 EH Microcontroller Series
™
SWITCHING TEST CIRCUIT
V
Am29240EH Microcontroller
VL
IOL = 3.2 mA *
VREF = 1.5 V
IOH = 400 µA *
CL
VH
Pin Under Test
Note:
*All outputs except MEMCLK. MEMCLK is tested with IOL= 20 mA and IOH= –20mA.
THERMAL CHARACTERISTICS
The Am29240EH microcontroller series is specified for
operation with case temperature ranges for a commercial
temperature device. Case temperature is measured at
the top center of the PQFP package as shown in Figure
13.
θJA
θCA
θJC
TC
θJA = θJC + θCA
Figure 13. Thermal Resistance —
°C/Watt
The various temperatures and thermal resistances can
be determined using the equations shown in Figure 14
along with information given in Table 2. (The variable
P
is power in watts.)
θJA = θJC + θCA
P=ICCOP
⋅ freq ⋅ V
CC
TJ =TC +P
⋅ θ
JC
TJ =TA +P
⋅ θ
JA
TC =TJ –P
⋅ θ
JC
TC =TA +P
⋅ θ
CA
TA =TJ –P
⋅ θ
JA
TA =TC –P
⋅ θ
CA
Figure 14. Thermal Characteristics Equations
Table 2. Thermal Characteristics (
°C/Watt) Surface Mounted
Parameter
°C/Watt
θ
JA
Junction-to-Ambient
38
θ
JC
Junction-to-Case
8
θ
CA
Case-to-Ambient
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com