Electronic Components Datasheet Search
  English  ▼

X  

AM29243EH Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AM29243EH
Description  Enhanced High-Performance RISC Microcontrollers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29243EH Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AM29243EH Datasheet HTML 12Page - Advanced Micro Devices AM29243EH Datasheet HTML 13Page - Advanced Micro Devices AM29243EH Datasheet HTML 14Page - Advanced Micro Devices AM29243EH Datasheet HTML 15Page - Advanced Micro Devices AM29243EH Datasheet HTML 16Page - Advanced Micro Devices AM29243EH Datasheet HTML 17Page - Advanced Micro Devices AM29243EH Datasheet HTML 18Page - Advanced Micro Devices AM29243EH Datasheet HTML 19Page - Advanced Micro Devices AM29243EH Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
P R E L I M I N A R Y
16
Am29240 EH Microcontroller Series
™
PQFP PIN DESIGNATIONS (Pin Number)
Pin No.
Pin Name
Pin No.
Pin Name
Pin No.
Pin Name
Pin No.
Pin Name
1
Reserved
53
Reserved
105
Reserved
157
Reserved
2
MEMCLK
54
VCC
106
VCC
158
VCC
3
MEMDRV
55
GND
107
GND
159
GND
4
INCLK
56
Reserved
108
Reserved
160
PIO12
5
VCC
57
TXDB 3
109
A23
161
PIO11
6
GND
58
RXDB 3
110
A22
162
PIO10
7
ID31
59
DTRA
111
A21
163
PIO9
8
ID30
60
RXDA
112
A20
164
PIO8
9
ID29
61
UCLK
113
A19
165
PIO7
10
ID28
62
DSRA
114
A18
166
PIO6
11
ID27
63
TXDA
115
A17
167
PIO5
12
ID26
64
ROMCS3
116
A16
168
PIO4
13
ID25
65
ROMCS2
117
GND
169
GND
14
ID24
66
ROMCS1
118
VCC
170
VCC
15
GND
67
ROMCS0
119
A15
171
PIO3
16
VCC
68
VCC
120
A14
172
PIO2
17
ID23
69
GND
121
A13
173
PIO1
18
ID22
70
BURST
122
A12
174
PIO0
19
ID21
71
RSWE
123
A11
175
TDO
20
ID20
72
ROMOE
124
A10
176
STAT2
21
ID19
73
RAS3
125
A9
177
STAT1
22
ID18
74
RAS2
126
A8
178
STAT0
23
ID17
75
RAS1
127
GND
179
VDAT 2
24
ID16
76
RAS0
128
VCC
180
PSYNC 2
25
GND
77
CAS3
129
A7
181
GND
26
VCC
78
CAS2
130
A6
182
VCC
27
ID15
79
VCC
131
A5
183
GREQ
28
ID14
80
GND
132
A4
184
DREQB
29
ID13
81
CAS1
133
A3
185
DREQA
30
ID12
82
CAS0
134
A2
186
TDMA
31
ID11
83
TR/OE
135
A1
187
TRAP0
32
ID10
84
WE
136
A0
188
TRAP1
33
ID9
85
GACK
137
GND
189
INTR0
34
ID8
86
PIACS5
138
VCC
190
INTR1
35
GND
87
PIACS4
139
BOOTW
191
INTR2
36
VCC
88
PIACS3
140
WAIT
192
INTR3
37
ID7
89
PIACS2
141
PAUTOFD
193
GND
38
ID6
90
VCC
142
PSTROBE
194
VCC
39
ID5
91
GND
143
PWE
195
WARN
40
ID4
92
PIACS1
144
POE
196
VCLK 2
41
ID3
93
PIACS0
145
PACK
197
LSYNC 2
42
ID2
94
PIAWE
146
PBUSY
198
TMS
43
ID1
95
PIAOE
147
GND
199
TRST
44
ID0
96
R/ W
148
VCC
200
TCK
45
GND
97
DACKB
149
PIO15
201
TDI
46
VCC
98
DACKA
150
PIO14
202
RESET
47
IDP3 1, 3
99
DACKD 3
151
PIO13
203
CNTL1
48
IDP2 1, 3
100
DACKC 3
152
DREQD 3
204
CNTL0
49
IDP1 1, 3
101
VCC
153
DREQC 3
205
TRIST
50
IDP0 1, 3
102
GND
154
GND
206
VCC
51
GND
103
Reserved
155
VCC
207
GND
52
Reserved
104
Reserved
156
Reserved
208
Reserved
Notes:
1. Defined as no-connect on Am29240EH microcontroller.
2. Defined as no-connect on Am29243EH microcontroller.
3. Defined as no-connect on Am29245EH microcontroller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com