Electronic Components Datasheet Search
  English  ▼

X  

TDA8927TH Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDA8927TH
Description  Power stage 2 x 80 W class-D audio amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8927TH Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDA8927TH Datasheet HTML 12Page - NXP Semiconductors TDA8927TH Datasheet HTML 13Page - NXP Semiconductors TDA8927TH Datasheet HTML 14Page - NXP Semiconductors TDA8927TH Datasheet HTML 15Page - NXP Semiconductors TDA8927TH Datasheet HTML 16Page - NXP Semiconductors TDA8927TH Datasheet HTML 17Page - NXP Semiconductors TDA8927TH Datasheet HTML 18Page - NXP Semiconductors TDA8927TH Datasheet HTML 19Page - NXP Semiconductors TDA8927TH Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
12 k
Ω
15 nF
MGW184
15 nF
100
nF
CONTROL
AND
HANDSHAKE
DRIVER
HIGH
TDA8927J
TEMPERATURE SENSOR
AND
CURRENT PROTECTION
DRIVER
LOW
temp
current
4
7
VSS1
VSS1
VREL2
VSS2
VDD2
6
1
2
9
810
VDD2
VDD1
13
5
CONTROL
AND
HANDSHAKE
DRIVER
HIGH
DRIVER
LOW
14
11
12
17
16
3
15
EN1
DIAG
REL1
SW1
SW2
REL2
POWERUP
EN2
BOOT1
2VDD
OUT1
STAB
OUT2
VOUT2
VOUT1
BOOT2
12 V
V
V
V
VSW2
VREL1
V
VSW1
VEN
12 V
0
VDIAG
V
VSTAB
V
12 V
0
Fig.8 Test diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com