Electronic Components Datasheet Search
  English  ▼

X  

TDA8927TH Datasheet(PDF) 28 Page - NXP Semiconductors

Part # TDA8927TH
Description  Power stage 2 x 80 W class-D audio amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8927TH Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button TDA8927TH Datasheet HTML 24Page - NXP Semiconductors TDA8927TH Datasheet HTML 25Page - NXP Semiconductors TDA8927TH Datasheet HTML 26Page - NXP Semiconductors TDA8927TH Datasheet HTML 27Page - NXP Semiconductors TDA8927TH Datasheet HTML 28Page - NXP Semiconductors TDA8927TH Datasheet HTML 29Page - NXP Semiconductors TDA8927TH Datasheet HTML 30Page - NXP Semiconductors TDA8927TH Datasheet HTML 31Page - NXP Semiconductors TDA8927TH Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
2001 Dec 11
28
Philips Semiconductors
Objective specification
Power stage 2
× 80 W class-D
audio amplifier
TDA8927
handbook, halfpage
0
5
1
2
3
4
MLD621
10−1
10−2
Po (W)
Vripple
(V)
110
102
(1)
(2)
Fig.31 Supply voltage ripple as a function of output
power.
VP = ±25 V; 1500 µF per supply line; fi =10Hz:
(1) 1
× 4 Ω SE.
(2) 1
× 8 Ω SE.
handbook, halfpage
5
0
10
104
MLD622
102
103
fi (Hz)
SVRR
(%)
1
2
3
4
(1)
(2)
Fig.32 SVRR as a function of input frequency.
VP = ±25 V; 1500 µF per supply line:
(1) Po = 30 W into 1 × 4 Ω SE.
(2) Po = 15 W into 1 × 8 Ω SE.
handbook, halfpage
600
100
(3)
fclk (kHz)
THD
+N
(%)
200
300
400
500
10
1
10−1
10−2
10−3
MLD623
(1)
(2)
Fig.33 THD + N as a function of clock frequency.
VP = ±25 V; Po = 1 W in 2 × 8 Ω:
(1) 10 kHz.
(2) 1 kHz.
(3) 100 Hz.
handbook, halfpage
100
600
50
0
10
20
30
40
200
Po
(W)
fclk (kHz)
300
400
500
MLD624
Fig.34 Output power as a function of clock
frequency.
VP = ±25 V; RL =2 × 8 Ω; fi = 1 kHz; THD+N= 10%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com