Electronic Components Datasheet Search
  English  ▼

X  

TDA8927TH Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA8927TH
Description  Power stage 2 x 80 W class-D audio amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8927TH Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA8927TH Datasheet HTML 13Page - NXP Semiconductors TDA8927TH Datasheet HTML 14Page - NXP Semiconductors TDA8927TH Datasheet HTML 15Page - NXP Semiconductors TDA8927TH Datasheet HTML 16Page - NXP Semiconductors TDA8927TH Datasheet HTML 17Page - NXP Semiconductors TDA8927TH Datasheet HTML 18Page - NXP Semiconductors TDA8927TH Datasheet HTML 19Page - NXP Semiconductors TDA8927TH Datasheet HTML 20Page - NXP Semiconductors TDA8927TH Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
2001 Dec 11
17
Philips Semiconductors
Objective specification
Power stage 2
× 80 W class-D
audio amplifier
TDA8927
15.1
BTL application
When using the system in a mono BTL application (for more output power), the inputs of both channels of the PWM
modulator must be connected in parallel; the phase of one of the inputs must be inverted. In principle the loudspeaker
can be connected between the outputs of the two single-ended demodulation filters.
15.2
Remarks
The case of the package of the TDA8927J/ST and the heatsink of the TDA8927TH are internally connected to VSS.
15.3
Output power
The output power in single-ended applications can be estimated using the formulae:
The maximum current
should not exceed 7.5 A.
The output power in BTL applications can be estimated using the formulae:
The maximum current
should not exceed 7.5 A.
Where:
RL = load impedance
Rs = series resistance of filter coil
Po(1%) = output power just at clipping
The output power at THD = 10%: Po(10%) = 1.25 × Po(1%).
15.4
Reference designs
The reference design for a two-chip class-D audio amplifier for TDA8926J or TDA8927J and TDA8929T is shown in
Fig.9. The Printed-Circuit Board (PCB) layout is shown in Fig.10. The bill of materials is given in Table 1.
The reference design for a two-chip class-D audio amplifier for TDA8926TH or TDA8927TH and TDA8929T is shown in
Fig.11. The PCB layout is shown in Fig.12.
P
o(1%)
R
L
R
L
R
ds(on)
R
s
++
()
------------------------------------------------
V
P
1t
W(min)
f
osc
×
–
()
×
×
2
2R
L
×
--------------------------------------------------------------------------------------------------------------------------
=
I
O(max)
V
P
1t
W(min)
f
osc
×
–
()
×
[]
R
L
R
ds(on)
R
s
++
----------------------------------------------------------------
=
P
o(1%)
R
L
R
L
2R
ds(on)
R
s
+
()
×
+
----------------------------------------------------------
2V
P
1t
W(min)
f
osc
×
–
()
×
×
2
2R
L
×
----------------------------------------------------------------------------------------------------------------------------------------
=
I
O(max)
2V
P
1t
W(min)
f
osc
×
–
()
×
[]
R
L
2R
ds(on)
R
s
+
()
×
+
---------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com