Electronic Components Datasheet Search
  English  ▼

X  

TDA8927TH Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TDA8927TH
Description  Power stage 2 x 80 W class-D audio amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8927TH Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TDA8927TH Datasheet HTML 22Page - NXP Semiconductors TDA8927TH Datasheet HTML 23Page - NXP Semiconductors TDA8927TH Datasheet HTML 24Page - NXP Semiconductors TDA8927TH Datasheet HTML 25Page - NXP Semiconductors TDA8927TH Datasheet HTML 26Page - NXP Semiconductors TDA8927TH Datasheet HTML 27Page - NXP Semiconductors TDA8927TH Datasheet HTML 28Page - NXP Semiconductors TDA8927TH Datasheet HTML 29Page - NXP Semiconductors TDA8927TH Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
2001 Dec 11
26
Philips Semiconductors
Objective specification
Power stage 2
× 80 W class-D
audio amplifier
TDA8927
handbook, halfpage
−100
0
−80
−60
−40
−20
MLD613
102
10
fi (Hz)
αcs
(dB)
103
104
105
(1)
(2)
Fig.23 Channel separation as a function of input
frequency.
2
× 8 Ω SE; VP = ±25 V:
(1) Po =10W.
(2) Po =1W.
handbook, halfpage
−100
0
−80
−60
−40
−20
MLD614
102
10
fi (Hz)
αcs
(dB)
103
104
105
(1)
(2)
Fig.24 Channel separation as a function of input
frequency.
2
× 4 Ω SE; VP = ±25 V:
(1) Po =10W.
(2) Po =1W.
handbook, halfpage
20
45
25
30
35
40
MLD615
102
10
fi (Hz)
G
(dB)
103
104
105
(1)
(2)
(3)
Fig.25 Gain as a function of input frequency.
VP = ±25 V; Vi = 100 mV;
Rs =10kΩ/Ci = 330 pF:
(1) 1
× 8 Ω BTL.
(2) 2
× 8 Ω SE.
(3) 2
× 4 Ω SE.
handbook, halfpage
20
45
25
30
35
40
MLD616
102
10
fi (Hz)
G
(dB)
103
104
105
(1)
(2)
(3)
Fig.26 Gain as a function of input frequency.
VP = ±25 V; Vi = 100 mV;
Rs =0 Ω:
(1) 1
× 8 Ω BTL.
(2) 2
× 8 Ω SE.
(3) 2
× 4 Ω SE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com