Electronic Components Datasheet Search
  English  ▼

X  

LTM8063 Datasheet(PDF) 32 Page - Analog Devices

Part # LTM8063
Description  16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8063 Datasheet(HTML) 32 Page - Analog Devices

Back Button LTM8063 Datasheet HTML 24Page - Analog Devices LTM8063 Datasheet HTML 25Page - Analog Devices LTM8063 Datasheet HTML 26Page - Analog Devices LTM8063 Datasheet HTML 27Page - Analog Devices LTM8063 Datasheet HTML 28Page - Analog Devices LTM8063 Datasheet HTML 29Page - Analog Devices LTM8063 Datasheet HTML 30Page - Analog Devices LTM8063 Datasheet HTML 31Page - Analog Devices LTM8063 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTM4703
32
Rev. 0
For more information www.analog.com
© ANALOG DEVICES, INC. 2024
08/24
www.analog.com
DESIGN RESOURCES
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
Digital Power System Management
Analog Devices’ family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.
PART NUMBER DESCRIPTION
COMMENTS
LTM8053
40V, 3.5A Low EMI Silent Switcher μModule Regulator
3.4V ≤ VIN ≤ 40V, 0.97V ≤ VOUT ≤ 15V, 6.25mm × 9mm × 3.32mm BGA
LTM8065
40V, 2.5A Low EMI Silent Switcher μModule Regulator
3.4V ≤ VIN ≤ 40V, 0.97V ≤ VOUT ≤ 18V, 6.25mm × 6.25mm × 2.32mm BGA
LTM8063
40V, 2A Low EMI Silent Switcher μModule Regulator
3.2V ≤ VIN ≤ 40V, 0.8V ≤ VOUT ≤ 15V, 4mm × 6.25mm × 2.22mm BGA
LTM8074
40V, 1.2A Low EMI Silent Switcher μModule Regulator
3.2V ≤ VIN ≤ 40V, 0.8V ≤ VOUT ≤ 12V, 4mm × 4mm × 1.82mm BGA
LTM8024
40V, Dual 3.5A Low EMI Silent Switcher μModule Regulator
3V ≤ VIN ≤ 40V, 0.8V ≤ VOUT ≤ 8V, 9mm × 11.25mm × 3.32mm BGA
LTM8078
40V, Dual 1.4A Low EMI Silent Switcher μModule Regulator
3V ≤ VIN ≤ 40V, 0.8V ≤ VOUT ≤ 10V, 6.25mm × 6.25mm × 2.32mm BGA
LTM8060
40V, Quad 3A Low EMI Silent Switcher μModule Regulator
3V ≤ VIN ≤ 40V, 0.8V ≤ VOUT ≤ 8V, 11.9mm × 16mm × 3.32mm BGA
LTM8051
40V, Quad 1.2A Low EMI Silent Switcher μModule Regulator
3V ≤ VIN ≤ 40V, 0.8V ≤ VOUT ≤ 8V, 6.25mm × 11.25mm × 2.32mm BGA
LTM8080
40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh
PSRR μModule Regulator
3.5V ≤ VIN ≤ 40V, 0V ≤ VOUT ≤ 8V, 6.25mm × 9mm × 3.32mm BGA
LTM4657
8A μModule Regulator, Pin Compatible with LTM4638
3.1V ≤ VIN ≤ 20V, 0.5V ≤ VOUT ≤ 5.5V, 6.25mm × 6.25mm × 3.87mm BGA
LTM4626
12A μModule Regulator, Pin Compatible with LTM4638
3.1V ≤ VIN ≤ 20V, 0.6V ≤ VOUT ≤ 5.5V, 6.25mm × 6.25mm × 3.87mm BGA
LTM4638
15A μModule Regulator, Pin Compatible with LTM4657/LTM4626 3.1V ≤ VIN ≤ 20V. 0.6V ≤ VOUT ≤ 5.5V. 6.25mm × 6.25mm × 5.02mm BGA
LTM4702
16VIN 8A Ultralow Noise Silent Switcher μModule Regulator,
Pin Compatible with LTM4703
3V ≤ VIN ≤ 16V, 0.3V ≤ VOUT ≤ 5.7V, 6.25mm × 6.25mm × 5.07mm BGA
LTM4709
Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear
Regulator with Configurable Output Array
0.6V ≤ VIN ≤ 5.5V, 0.5V ≤ VOUT ≤ 4.2V, 6mm × 12mm × 1.92mm BGA
PACKAGE PHOTOS Part marking is either ink mark or laser mark
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com