Electronic Components Datasheet Search
  English  ▼

X  

LTM8063 Datasheet(PDF) 28 Page - Analog Devices

Part # LTM8063
Description  16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8063 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTM8063 Datasheet HTML 24Page - Analog Devices LTM8063 Datasheet HTML 25Page - Analog Devices LTM8063 Datasheet HTML 26Page - Analog Devices LTM8063 Datasheet HTML 27Page - Analog Devices LTM8063 Datasheet HTML 28Page - Analog Devices LTM8063 Datasheet HTML 29Page - Analog Devices LTM8063 Datasheet HTML 30Page - Analog Devices LTM8063 Datasheet HTML 31Page - Analog Devices LTM8063 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
LTM4703
28
Rev. 0
For more information www.analog.com
Figure 15. –5V, 5.5A from 5V to 11VIN, 800kHz with Soft-Start
Figure 16. 3.3V, 12A, –3.3V, 9.4A from 12VIN, 800kHz with Soft-Start
137k
49.9k
4.7µF
10µF
453k
220µF
×2
VIN
SVIN
RUN
COMPa
COMPb
RT
AGND
VIN
5V TO 11V
LTM4703
VOUT
VOSNS
PGSET
SET
GND
4703 F15
VOUT
–5V, 5.5A*
fSW = 800kHz
*FOR DETAILS ON GENERATING NEGATIVE OUTPUT, REFER TO ANALOG DEVICES DESIGN NOTE 1021 (DN1021).
OPTIONAL
SCHOTTKY
DIODE
137k
33.2k
4.7µF
10µF
280k
220µF
×2
VIN
SVIN
RUN
COMPa
COMPb
RT
AGND
VIN
12V
LTM4703
VOUT
VOSNS
PGSET
SET
GND
VOUT
3.3V, 12A
fSW = 800kHz
137k
33.2k
4.7µF
10µF
280k
220µF
×2
VIN
SVIN
RUN
COMPa
COMPb
RT
AGND
LTM4703
VOUT
VOSNS
PGSET
SET
GND
4703 F16
VOUT
–3.3V, 9.4A*
fSW = 800kHz
*FOR DETAILS ON GENERATING NEGATIVE OUTPUT, REFER TO ANALOG DEVICES DESIGN NOTE 1021 (DN1021).
OPTIONAL
SCHOTTKY
DIODE
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com