Electronic Components Datasheet Search
  English  ▼

X  

LTM8063 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM8063
Description  16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8063 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM8063 Datasheet HTML 5Page - Analog Devices LTM8063 Datasheet HTML 6Page - Analog Devices LTM8063 Datasheet HTML 7Page - Analog Devices LTM8063 Datasheet HTML 8Page - Analog Devices LTM8063 Datasheet HTML 9Page - Analog Devices LTM8063 Datasheet HTML 10Page - Analog Devices LTM8063 Datasheet HTML 11Page - Analog Devices LTM8063 Datasheet HTML 12Page - Analog Devices LTM8063 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTM4703
9
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS TA = 25°C, unless otherwise noted.
1V Output Transient Response
fSW = 800kHz
1V Output Transient Response
fSW = 800kHz
50µs/DIV
VOUT
AC-COUPLED
50mV/DIV
LOAD STEP
3A/DIV
4703 G39
VIN = 12V, VOUT = 1V, IOUT = 6A TO 9A
COUT = 100 F ×4 CERAMIC CAPACITOR
INTERNAL COMPENSATION,
CONNECT COMPa TO COMPb
50µs/DIV
VOUT
AC-COUPLED
50mV/DIV
LOAD STEP
3A/DIV
4703 G40
VIN = 12V, VOUT = 1V, IOUT = 6A TO 12A
COUT = 100 F ×4 CERAMIC CAPACITOR
INTERNAL COMPENSATION,
CONNECT COMPa TO COMPb
5V Output Transient Response
fSW = 2MHz
5V Output Transient Response
fSW = 2MHz
5V Output Transient Response
fSW = 2MHz
50µs/DIV
VOUT
AC-COUPLED
50mV/DIV
LOAD STEP
3A/DIV
4703 G41
VIN = 12V, VOUT = 5V, IOUT = 6A TO 9A
COUT = 100 F ×4 CERAMIC CAPACITOR
INTERNAL COMPENSATION,
CONNECT COMPa TO COMPb
50µs/DIV
VOUT
AC-COUPLED
50mV/DIV
LOAD STEP
3A/DIV
4703 G42
VIN = 12V, VOUT = 5V, IOUT = 6A TO 12A
COUT = 100 F ×4 CERAMIC CAPACITOR
INTERNAL COMPENSATION,
CONNECT COMPa TO COMPb
20µs/DIV
VOUT
AC-COUPLED
50mV/DIV
LOAD STEP
3A/DIV
4703 G43
VIN = 12V, VOUT = 5V, IOUT = 6A TO 9A
COUT = 100 F ×4 CERAMIC CAPACITOR
EXTERNAL COMPENSATION,
RCOMP = 1.33k, CCOMP = 4.7nF
5V Output Transient Response
fSW = 2MHz
20µs/DIV
VOUT
AC-COUPLED
50mV/DIV
LOAD STEP
3A/DIV
4703 G44
VIN = 12V, VOUT = 5V, IOUT = 6A TO 12A
COUT = 100 F ×4 CERAMIC CAPACITOR
EXTERNAL COMPENSATION,
RCOMP = 1.33k, CCOMP = 4.7nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com