Electronic Components Datasheet Search
  English  ▼

X  

LTM8063 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM8063
Description  16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8063 Datasheet(HTML) 1 Page - Analog Devices

  LTM8063 Datasheet HTML 1Page - Analog Devices LTM8063 Datasheet HTML 2Page - Analog Devices LTM8063 Datasheet HTML 3Page - Analog Devices LTM8063 Datasheet HTML 4Page - Analog Devices LTM8063 Datasheet HTML 5Page - Analog Devices LTM8063 Datasheet HTML 6Page - Analog Devices LTM8063 Datasheet HTML 7Page - Analog Devices LTM8063 Datasheet HTML 8Page - Analog Devices LTM8063 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTM4703
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
16VIN, 12A Ultralow Noise
Silent Switcher 3 µModule Regulator
The LTM®4703 is a complete 12A step-down
Silent Switcher 3 µModule® (micromodule) regulator in
a tiny 6.25mm × 6.25mm × 5.07mm ball grid array (BGA)
package.The package includes the switching controller,
the power MOSFETs, an inductor, and support compo-
nents. Operating over an input voltage range of 3V to
16V, the LTM4703 supports an output range of 0.3V to
6V. A single resistor sets the output voltage, providing
unity gain operation over the output range and resulting in
virtually constant output noise independent of the output
voltage. Only bulk input and output capacitors are needed
to finish the design.
The LTM4703 employs Silent Switcher 3 architecture with
internal hot loop bypass capacitors to achieve both low
electromagnetic interference (EMI) and high efficiency.
Also, the LTM4703 has an ultralow noise architecture to
obtain exceptional low-frequency (<100kHz) output noise.
These low EMI and low noise features make the LTM4703
ideal for high current and noise-sensitive applications,
which benefit from the high efficiency of a synchronous
switching regulator.
The LTM4703 is available with a RoHS-compliant
terminal finish.
3V to 16V Input to 1V, 12A Output
APPLICATIONS
n
Complete Solution in <1cm2 (Single-Sided PCB) or
0.5cm2 (Dual-Sided PCB)
n
Low Noise Silent Switcher®3 Architecture
n
Ultralow EMI Emissions
n
Ultralow RMS Noise (10Hz to 100kHz): 8μVRMS
n
±1.5% Maximum Total DC Output Voltage Error
Over Line, Load, and Temperature
n
Input Voltage Range: 3V to 16V
n
Output Voltage Range: 0.3V to 6V
n
12A Maximum Continuous Output Current
n
Adjustable and Synchronizable: 300kHz to 3MHz
n
Current Mode Control, Fast Transient Response
n
Forced Continuous Mode (FCM) Capability
n
Multiphase Parallel with Current Sharing
n
Programmable Power Good
n
6.25mm × 6.25mm × 5.07mm BGA Package
n
Telecom, Networking, and Industrial Equipment
n
RF Power Supplies: PLLs, VCOs, Mixers, LNAs, PAs
n
Low Noise Instrumentation
n
High Speed/High Precision Data Converters
n
Medical Equipment
All registered trademarks and trademarks are the property of their respective owners.
Efficiency, 12VIN, fSW = 800kHz
137k
10k
4.7µF
10µF
49.9k
220µF
×2
VIN
SVIN
RUN
COMPa
COMPb
RT
AGND
VIN
3V TO 16V
LTM4703
VOUT
VOSNS
PGSET
SET
GND
VOUT
1V, 12A
4703 TA01a
fSW = 800kHz
LOAD CURRENT (A)
0
2
4
6
8
10
12
65
70
75
80
85
90
95
100
4703 TA01b
5.0VOUT
3.6VOUT
1.8VOUT
1.0VOUT


Similar Part No. - LTM8063

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
40VIN, 2A Silent Switcher 關Module Regulator
logo
Analog Devices
LTM8063 AD-LTM8063 Datasheet
2Mb / 28P
Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8063 AD-LTM8063 Datasheet
2Mb / 28P
Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
LTM8063 AD-LTM8063 Datasheet
2Mb / 28P
40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
LTM8063 AD-LTM8063 Datasheet
1Mb / 26P
Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
Rev. 0
More results

Similar Description - LTM8063

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
40VIN, 2A Silent Switcher 關Module Regulator
LTM8065 LINER-LTM8065 Datasheet
1Mb / 26P
40VIN, 2.5A Silent Switcher 關Module Regulator
LTM8073 LINER-LTM8073 Datasheet
1Mb / 26P
60VIN, 3A Silent Switcher 關Module Regulator
logo
Analog Devices
LT8638S AD-LT8638S Datasheet
2Mb / 28P
42V, 10A/12A Peak Synchronous Step-Down Silent Switcher 2
LTM8080 AD-LTM8080 Datasheet
2Mb / 28P
40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
LT8622S AD-LT8622S Datasheet
204Kb / 2P
18V, 2A/4A Step-Down Silent Switcher 3 with Ultralow Noise Reference
Rev. Sp0
LTM4709 AD-LTM4709 Datasheet
1Mb / 26P
Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
Rev. 0
LTM4710-1 AD-LTM4710-1 Datasheet
3Mb / 24P
Low VIN, Quad 8A Silent Switcher μModule Regulator
Rev. 0
LT8638-2 AD-LT8638-2 Datasheet
984Kb / 35P
42V, 10A/12A Peak Synchronous Step-Down Silent Switcher
Rev.0
LTM4712 AD-LTM4712 Datasheet
3Mb / 26P
36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com