Electronic Components Datasheet Search
  English  ▼

X  

LTM8063 Datasheet(PDF) 14 Page - Analog Devices

Part # LTM8063
Description  16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8063 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTM8063 Datasheet HTML 10Page - Analog Devices LTM8063 Datasheet HTML 11Page - Analog Devices LTM8063 Datasheet HTML 12Page - Analog Devices LTM8063 Datasheet HTML 13Page - Analog Devices LTM8063 Datasheet HTML 14Page - Analog Devices LTM8063 Datasheet HTML 15Page - Analog Devices LTM8063 Datasheet HTML 16Page - Analog Devices LTM8063 Datasheet HTML 17Page - Analog Devices LTM8063 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LTM4703
14
Rev. 0
For more information www.analog.com
For most applications, the design process is straightfor-
ward and summarized below.
1. See Table 1 for the row with the desired input range
and output voltage.
2. Apply the recommended CIN, COUT, RSET, and RT values.
3. Apply the CSET (from SET to AGND), or CSHARE (from
COMPa to AGND) capacitors as required.
While these component combinations have been tested
for proper operation. Ensure that the system operates
correctly within the defined line, load, and environmental
conditions. The maximum output current is limited by
the junction temperature, the relationship between the
input and the output voltage magnitude, the polarity, and
other factors. See the graphs in the Typical Performance
Characteristics section for guidance.
The maximum frequency (and attendant RT value) at
which the LTM4703 should be allowed to switch is shown
in Table 1 in the Maximum fSW column, while the recom-
mended frequency (and RT value) for optimal efficiency
over the given input condition is given in the fSW column.
Additional conditions must be satisfied if the synchroni-
zation function is used. See the Synchronization section
for details.
Capacitor Selection Considerations
The CIN, and COUT capacitor values in Table 1 are the
minimum recommended values for the associated oper-
ating conditions. Applying capacitor values below those
indicated in Table 1 is not recommended and may result
in undesirable operation. Using larger values is generally
acceptable, and can yield improved dynamic response,
if necessary. Ensure that the system operates correctly
within the defined line, load, and environmental conditions.
Ceramic capacitors are small, robust, and have very low
ESR. However, not all ceramic capacitors are suitable.
The X5R and X7R types are stable over temperature
and applied voltage and give dependable service. Other
types, including Y5V and Z5U have large temperature and
voltage coefficients of capacitance. In an application cir-
cuit, they may have only a small fraction of their nominal
capacitance resulting in much higher output voltage ripple
than expected.
Ceramic capacitors are also piezoelectric. Since the
LTM4703 operates at a lower current limit during
pulse-skipping mode (PSM) operation, the noise is typ-
ically very quiet to a casual ear. If this audible noise is
unacceptable, use a high performance electrolytic capac-
itor at the output. It may also be a parallel combination of
a ceramic capacitor and a low cost electrolytic capacitor.
A final precaution regarding ceramic capacitors con-
cerns the maximum input voltage rating of the LTM4703.
A ceramic input capacitor combined with a trace, or a
cable inductance, forms a high-Q (underdamped) tank
circuit. If the LTM4703 circuit is plugged into a live supply,
the input voltage can ring to twice its nominal value, pos-
sibly exceeding the device’s rating. This situation is easily
avoided (see the Hot-Plugging Safely section) for details.
Table 1. Recommended Component Values and Configuration (TA = 25°C)
VIN1
(V)
VOUT
(V)
RSET
(kΩ)
CIN2
COUT
fSW
(MHz)
RT
(kΩ)
MAX
fSW
(MHz)
MIN RT
(kΩ)
COMPENSATION3
3 to 16
1
10
10µF X7R 25V 1210
100µF ×4 X7R 6.3V 1210
0.4
287
2.5
35.7
Internal Compensation
3.1 to 16
1.8
18.2
10µF X7R 25V 1210
100µF ×4 X7R 6.3V 1210
0.8
137
2.5
35.7
Internal Compensation
4.2 to 16
2.75
27.4
10µF X7R 25V 1210
100µF ×4 X7R 10V 1210
1.0
105
2.5
35.7
Internal Compensation
5.7 to 16
3.6
36.5
10µF X7R 25V 1210
100µF ×4 X7R 10V 1210
1.2
86.6
2.5
35.7
Internal Compensation
8.3 to 16
5
49.9
10µF X7R 25V 1210
100µF ×4 X7R 10V 1210
1.5
66.5
3
28.7
Internal Compensation
8.6 to 16
6
60.4
10µF X7R 25V 1210
100µF ×4 X7R 10V 1210
2.0
47
3
28.7
Internal Compensation
1 The LTM4703 may be capable of the operating at lower input voltage but may skip switching cycles.
2 A bulk capacitor is required.
3 Short COMPa and COMPb pins for internal compensation.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com