Electronic Components Datasheet Search
  English  ▼

X  

LTM8080 Datasheet(PDF) 15 Page - Analog Devices

Part # LTM8080
Description  16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8080 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTM8080 Datasheet HTML 11Page - Analog Devices LTM8080 Datasheet HTML 12Page - Analog Devices LTM8080 Datasheet HTML 13Page - Analog Devices LTM8080 Datasheet HTML 14Page - Analog Devices LTM8080 Datasheet HTML 15Page - Analog Devices LTM8080 Datasheet HTML 16Page - Analog Devices LTM8080 Datasheet HTML 17Page - Analog Devices LTM8080 Datasheet HTML 18Page - Analog Devices LTM8080 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
LTM4703
15
Rev. 0
For more information www.analog.com
Frequency Selection
The LTM4703 uses a constant-frequency PWM architec-
ture, which can be programmed to switch from 300kHz
to 3MHz by using a resistor connected from the RT pin
to the ground. Table 2 shows a list of RT resistor values
and their resultant frequencies.
Table 2. Switching Frequency vs RT Value
fSW
(MHz)
RT
(kΩ)
0.3
392
0.4
287
0.5
226
0.6
187
0.7
154
0.8
137
0.9
118
1.0
105
1.2
86.6
1.4
71.5
1.6
61.9
1.8
53.6
2
47
2.5
35.7
3
28.7
Operating Frequency Trade-Offs
It is recommended that you apply the optimal RT value
given in Table 2 for the input and output operating con-
ditions. System-level or other considerations, however,
may necessitate another operating frequency. While the
LTM4703 is flexible enough to accommodate a wide range
of operating frequencies, a haphazardly chosen one may
result in undesirable operation under certain operating or
fault conditions. A frequency that is too high can reduce
efficiency, generate excessive heat, or even damage the
LTM4703 device if the output is overloaded or short-cir-
cuited. A frequency that is too low can result in a final
design that has too much output ripple or too large of an
output capacitor.
Maximum Load
The maximum practical continuous load that the LTM4703
can drive, while rated at 12A, actually depends upon both
the internal current limit and the internal temperature.
The internal current limit is designed to prevent damage
to the LTM4703 in the case of overload or short-circuit.
The internal temperature of the LTM4703 depends on the
operating conditions, such as the ambient temperature,
the power delivered, and the heat sinking capability of
the system. See the derating curve for VOUT = 1V in the
Typical Performance Characteristics section.
Load Sharing
Two or more LTM4703 devices may be paralleled to pro-
duce higher currents. To do this, connect the VIN, VOUT,
VOSNS, COMPa, and COMPb pins of all the paralleled
LTM4703 devices together. Figure 12 is an example of
two LTM4703 devices configured for load sharing.
The CLKOUT signal can be connected to the SYNC pin
of the following LTM4703 device to line up both the fre-
quency and the phase of the entire system. Connecting
the PHMODE pin to GND, INTVCC, or floating the pin gen-
erates a phase difference between LTM4703’s internal
clock and CLKOUT of 180°, 90°, or 120°, respectively,
which corresponds to a 2-phase, a 4-phase, or a 3-phase
operation. A total of 12 phases can be paralleled to run
simultaneously out-of-phase with respect to each other
by programming the PHMODE pin of each LTM4703 to
different voltage levels. During FCM and synchronization
modes, all devices operate at the same frequency. When
load sharing among a number (n) of units and using a
single RSET resistor, the value of the resistor is given
by Equation 2.
RSET =
VOUT
n•100µA
(2)
Minimum Input Voltage
The LTM4703 is a step-down converter; therefore, a min-
imum amount of headroom is required to keep the out-
put in regulation. Keep PVIN above 3V to ensure proper
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com