Electronic Components Datasheet Search
  English  ▼

X  

LTM8080 Datasheet(PDF) 18 Page - Analog Devices

Part # LTM8080
Description  16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8080 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTM8080 Datasheet HTML 14Page - Analog Devices LTM8080 Datasheet HTML 15Page - Analog Devices LTM8080 Datasheet HTML 16Page - Analog Devices LTM8080 Datasheet HTML 17Page - Analog Devices LTM8080 Datasheet HTML 18Page - Analog Devices LTM8080 Datasheet HTML 19Page - Analog Devices LTM8080 Datasheet HTML 20Page - Analog Devices LTM8080 Datasheet HTML 21Page - Analog Devices LTM8080 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LTM4703
18
Rev. 0
For more information www.analog.com
Synchronization
To synchronize the LTM4703 oscillator to an external fre-
quency, connect a square wave (with about 20% to 80%
duty cycle) to the SYNC pin. The square wave amplitude
should have valleys, which are below 0.4V and peaks
above 1.5V, with a minimum on-time and off-time of 50ns.
The LTM4703 runs in FCM to maintain regulation while
synchronized to an external clock. The LTM4703 may
be synchronized over a 300kHz to 3MHz range. The RT
resistor should be chosen to set the LTM4703 switching
frequency to below the lowest synchronization input by
approximately 20%. For example, if the synchronization
signal is 500kHz or higher, the RT should be selected
for 400kHz.
Minimum Frequency for High-Duty Cycle
For duty cycles greater than 50% (VOUT/VIN > 0.5), a
minimum frequency is required to avoid sub-harmonic
oscillation. Refer to the Analog Devices Application Note
19. Equation 6 calculates the minimum frequency.
=
4
fSW 2 • VOUT – VIN
(6)
where VOUT is the output voltage, VIN is the input voltage,
and fSW is the switching frequency in MHz.
Example:
VIN = 8V, VOUT = 6V, fSW = 1MHz
Programmable Power Good
LTM4703 features a programmable power good by
using a single resistor across the VOUT pin and PGSET
pin as shown in Equation 7.
VOUT(PG_THRESHOLD) = 0.5V •
1+
49.9k
+
• RPGSET
IPGSET
RPGSET
(7)
If the PGSET pin increases above 537.5mV or decreases
below 462.5mV, the open-drain PG pin de-asserts and
becomes high impedance. The power good comparator
has 2mV hysteresis. The PGSET pin current (IPGSET) from
the Electrical Characteristics table must be considered
when determining the resistor value. Note that the pro-
grammable power good and fast start-up capabilities are
disabled when PGSET is connected to 0.5V or when the
device is shutdown. Table 3 suggests some 1% RPGSET
resistor values for common VOUT configurations.
Table 3. Suggested RPGSET Resistor Values
VOUT
(V)
RPGSET
(kΩ)
0.3
Open
(Externally Inject 0.5V to the PGSET Pin)
0.5
0
0.8
30.1
0.9
40.2
1
49.9
1.2
69.8
1.5
100
1.8
130
2.5
200
3.3
280
5.0
453
6.0
549
Negative Output
The LTM4703 can generate a negative output voltage by
connecting its VOUT to system GND and the LTM4703 GND
to the negative voltage rail. Examples of this are shown in
Figure 15 and Figure 16 in the Typical Applications section.
The most versatile way to generate a negative output is
to use a dedicated regulator, which was designed to gen-
erate a negative voltage. Using a buck regulator like the
LTM4703 to generate a negative voltage is a simple and
cost-effective solution, as long as certain restrictions are
taken especially, VIN + |VOUT| ≤ 16V. Refer to the Analog
Devices Design Note 1021 (DN1021) for more details on
generating negative output.
Figure 2 shows a typical negative output voltage appli-
cation. Note that LTM4703 VOUT is connected to system
GND, and input power is applied from VIN to LTM4703’s
VOUT. As a result, the LTM4703 does not behave as a
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com