Electronic Components Datasheet Search
  English  ▼

X  

LTM8080 Datasheet(PDF) 19 Page - Analog Devices

Part # LTM8080
Description  16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8080 Datasheet(HTML) 19 Page - Analog Devices

Back Button LTM8080 Datasheet HTML 15Page - Analog Devices LTM8080 Datasheet HTML 16Page - Analog Devices LTM8080 Datasheet HTML 17Page - Analog Devices LTM8080 Datasheet HTML 18Page - Analog Devices LTM8080 Datasheet HTML 19Page - Analog Devices LTM8080 Datasheet HTML 20Page - Analog Devices LTM8080 Datasheet HTML 21Page - Analog Devices LTM8080 Datasheet HTML 22Page - Analog Devices LTM8080 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
LTM4703
19
Rev. 0
For more information www.analog.com
true buck regulator, and the maximum output current
depends upon the input voltage. Figure 15 and Figure 16
illustrate how much current the LTM4703 delivers for a
given input voltage.
VIN
LTM4703
VIN
VOUT
GND
NEGATIVE
OUTPUT VOLTAGE
4703 F02
Figure 2. The LTM4703 Can Be Used to Generate a
Negative Voltage
Note that the Figure 2 configuration requires that any
load current transient directly affects the transient voltage
onto the LTM4703 GND, as shown in Figure 3, fast load
transients can disrupt the LTM4703’s operation or even
cause damage. Carefully evaluate whether the negative
buck configuration is suitable for the application.
VIN
LTM4703
VIN
VOUT
GND
FAST LOAD TRANSIENT
OUTPUT TRANSIENT RESPONSE
4703 F03
Figure 3. Any Output Voltage Transient
Appears on LTM4703 GND
The CIN and COUT capacitors in Figure 4 form an AC
divider at the negative output voltage node. If VIN is hot-
plugged or rises quickly, the resultant VOUT is a positive
transient, which may be unhealthy for the application load.
An anti-parallel Schottky diode may be able to prevent this
positive transient from damaging the load. The location
of this Schottky diode is important. For example, in a
system where the LTM4703 is far from the load, placing
the Schottky diode closest to the most sensitive load com-
ponent may be the best design choice. Carefully evaluate
whether the negative buck configuration is suitable for the
application. When generating a negative output, connect
BIAS to LTM4703 GND.
CIN
COUT
LTM4703
VIN
VOUT
GND
OPTIONAL
SCHOTTKY
DIODE
AC DIVIDER
VIN
FAST LOAD TRANSIENT
OUTPUT TRANSIENT RESPONSE
4703 F04
Figure 4. A Schottky Diode Can Limit the Transient
Caused by a Fast Rising VIN to Safe Levels
Shorted Input Protection
Care must be taken in systems where the output is held
high when the power input to the LTM4703 is absent. This
may occur in battery charging applications or in battery
backup systems where a battery or some other supply is
diode OR-ed with the LTM4703’s output. If the PVIN pin
is allowed to float and the RUN pin is held high (either
by a logic signal or because it is connected to VIN), then
the LTM4703’s internal circuitry pulls its quiescent cur-
rent through its internal power switch. This is fine if your
system can tolerate a few milliamps in this state. If you
ground the RUN pin, the internal current drops to essen-
tially zero. However, if the PVIN pin is grounded while the
output is held high, parasitic diodes inside the LTM4703
can pull large currents from the output through the PVIN
pin. Figure 5 shows a circuit that runs only when the
input voltage is present and protects against a shorted
or reversed input.
LTM4703
RUN
VIN
VIN
4703 F05
Figure 5. The Input Diode Prevents a Shorted Input from
Discharging a Backup Battery Connect to the Output.
It Also Protects the Circuit from a Reversed Input. The
LTM4703 Only Runs When the Input is Present
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com