Electronic Components Datasheet Search
  English  ▼

X  

TDA9614H Datasheet(PDF) 42 Page - NXP Semiconductors

Part # TDA9614H
Description  Audio processor for VHS hi-fi and linear audio
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9614H Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button TDA9614H Datasheet HTML 38Page - NXP Semiconductors TDA9614H Datasheet HTML 39Page - NXP Semiconductors TDA9614H Datasheet HTML 40Page - NXP Semiconductors TDA9614H Datasheet HTML 41Page - NXP Semiconductors TDA9614H Datasheet HTML 42Page - NXP Semiconductors TDA9614H Datasheet HTML 43Page - NXP Semiconductors TDA9614H Datasheet HTML 44Page - NXP Semiconductors TDA9614H Datasheet HTML 45Page - NXP Semiconductors TDA9614H Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
1995 Mar 21
42
Philips Semiconductors
Preliminary specification
Audio processor for VHS hi-fi
and linear audio
TDA9614H
EXT2L
8
Left channel external 2 input.
EXT2R
9
Right channel external 2 input.
EXT3L
10
Left channel external 3 input.
EXT3R
11
Right channel external 3 input.
RAF
12
Record/playback switch drive
output for head amplifier control or
input for overruling the I2C-bit RAF.
VDDD
13
Digital supply voltage for I2C-bus
(+5 V).
SYMBOL
PIN
EQUIVALENT CIRCUIT
DESCRIPTION
MLD015
8
13 k
Ω
65 k
Ω
52 k
Ω
3.8 V
MLD016
9
13 k
Ω
65 k
Ω
52 k
Ω
3.8 V
MLD017
10
13 k
Ω
65 k
Ω
52 k
Ω
3.8 V
MLD018
11
13 k
Ω
65 k
Ω
52 k
Ω
3.8 V
MLD019
275
Ω
12
100
µA
RAF
I C-RAF
2
1
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com