Electronic Components Datasheet Search
  English  ▼

X  

TDA9614H Datasheet(PDF) 48 Page - NXP Semiconductors

Part # TDA9614H
Description  Audio processor for VHS hi-fi and linear audio
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9614H Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button TDA9614H Datasheet HTML 44Page - NXP Semiconductors TDA9614H Datasheet HTML 45Page - NXP Semiconductors TDA9614H Datasheet HTML 46Page - NXP Semiconductors TDA9614H Datasheet HTML 47Page - NXP Semiconductors TDA9614H Datasheet HTML 48Page - NXP Semiconductors TDA9614H Datasheet HTML 49Page - NXP Semiconductors TDA9614H Datasheet HTML 50Page - NXP Semiconductors TDA9614H Datasheet HTML 51Page - NXP Semiconductors TDA9614H Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
1995 Mar 21
48
Philips Semiconductors
Preliminary specification
Audio processor for VHS hi-fi
and linear audio
TDA9614H
PBIN
34
Linear audio playback amplifier
input; during playback the
impedance is 100 k
Ω; during record
the impedance is 7
Ω.
RESSW
35
Long Play equalization switch 50
Ω
on and 150 k
Ω off impedance to
PBIN.
PBDC
36
Linear audio playback amplifier
DC decoupling.
DCFBL
37
DC feedback left.
DCREFL
38
DC reference left.
EMPHL
39
Total emphasis left (240 to 20
µs).
SYMBOL
PIN
EQUIVALENT CIRCUIT
DESCRIPTION
35
36
34
470
Ω
100 k
Ω
3.8 V
3.8 V
150 k
Ω
MLD039
MLD040
38
46.8 k
Ω
4.3 k
Ω
3.8 V
37
100 k
Ω
39
250
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com