Electronic Components Datasheet Search
  English  ▼

X  

TDA9614H Datasheet(PDF) 46 Page - NXP Semiconductors

Part # TDA9614H
Description  Audio processor for VHS hi-fi and linear audio
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9614H Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button TDA9614H Datasheet HTML 42Page - NXP Semiconductors TDA9614H Datasheet HTML 43Page - NXP Semiconductors TDA9614H Datasheet HTML 44Page - NXP Semiconductors TDA9614H Datasheet HTML 45Page - NXP Semiconductors TDA9614H Datasheet HTML 46Page - NXP Semiconductors TDA9614H Datasheet HTML 47Page - NXP Semiconductors TDA9614H Datasheet HTML 48Page - NXP Semiconductors TDA9614H Datasheet HTML 49Page - NXP Semiconductors TDA9614H Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
1995 Mar 21
46
Philips Semiconductors
Preliminary specification
Audio processor for VHS hi-fi
and linear audio
TDA9614H
HPOUTR
26
Headphone drive output right.
LINAGC
27
Linear audio AGC-time constant.
LININ
28
Audio input for linear audio to REC
equalizer and output select.
LINOUT
29
Audio output from AGC or PB
equalizer.
EQSW
30
Long Play (LP) equalization switch;
15
Ω on resistance and 150 kΩ
input impedance.
SYMBOL
PIN
EQUIVALENT CIRCUIT
DESCRIPTION
MLD031
2.7 k
Ω
8 k
Ω
26
MLD032
27
100
Ω
MLD033
28
90 k
Ω
3.8 V
MLD034
AGC
29
playback
equalizer
250
µA
43
30
150 k
Ω
MLD035
VSSA1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com