Electronic Components Datasheet Search
  English  ▼

X  

TDA9614H Datasheet(PDF) 52 Page - NXP Semiconductors

Part # TDA9614H
Description  Audio processor for VHS hi-fi and linear audio
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9614H Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button TDA9614H Datasheet HTML 48Page - NXP Semiconductors TDA9614H Datasheet HTML 49Page - NXP Semiconductors TDA9614H Datasheet HTML 50Page - NXP Semiconductors TDA9614H Datasheet HTML 51Page - NXP Semiconductors TDA9614H Datasheet HTML 52Page - NXP Semiconductors TDA9614H Datasheet HTML 53Page - NXP Semiconductors TDA9614H Datasheet HTML 54Page - NXP Semiconductors TDA9614H Datasheet HTML 55Page - NXP Semiconductors TDA9614H Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
1995 Mar 21
52
Philips Semiconductors
Preliminary specification
Audio processor for VHS hi-fi
and linear audio
TDA9614H
FMOUT
56
FM output.
FMIN
57
FM input.
VDDA2
58
Analog supply voltage 2 for
HF circuits (+5 V).
RCCOL
59
Voltage-to-current transfer for left
channel oscillator by means of an
external resistor to ground.
ENVOUT
60
Level detector output (external
capacitor required for filtering).
HID
61
Head Identification Pulse (HID)
input for sample-and-hold circuits.
SYMBOL
PIN
EQUIVALENT CIRCUIT
DESCRIPTION
MLD052
56
50
Ω
900
µA
MLD053
57
4 k
Ω
15 k
Ω
1.9 V
MLD054
59
CCO-current
MLD055
60
33 k
Ω
MLD056
2.5 V
3 k
Ω
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com