Electronic Components Datasheet Search
  English  ▼

X  

3823 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 3823
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3823 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 3823 Datasheet HTML 35Page - Renesas Technology Corp 3823 Datasheet HTML 36Page - Renesas Technology Corp 3823 Datasheet HTML 37Page - Renesas Technology Corp 3823 Datasheet HTML 38Page - Renesas Technology Corp 3823 Datasheet HTML 39Page - Renesas Technology Corp 3823 Datasheet HTML 40Page - Renesas Technology Corp 3823 Datasheet HTML 41Page - Renesas Technology Corp 3823 Datasheet HTML 42Page - Renesas Technology Corp 3823 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
Rev.2.02
Jun 19, 2007
page 39 of 73
REJ03B0146-0202
3823 Group
Fig. 34 A/D conversion register reading
Fig. 35 A/D converter block diagram
AD conversion
high-order register
Data bus
A/D control circuit
Resistor ladder
AVSS
VREF
Comparator
ADT/A/D interrupt
request
b7
b0
AD control register
3
P60/SIN2/AN0
P61/AN1
P62/AN2
P63/AN3
P64/AN4
P65/AN5
P66/AN6
P67/AN7
P57/ADT
(Address 003516)
(Address 003616)
AD conversion
low-order register
Conversion mode selection bit
AD conversion speed selection bit
AD conversion low-order register
(Address 003616) ADL
AD conversion high-order register
(Address 003516) ADH
b1 b0
b7
b0
• 10 bit reading (Read address 003516 before 003616)
b7
b9 b8
b0
b7 b6 b5 b4 b3 b2
(High-order)
(low-order)
Note: The bit 5 to bit 3 of address 003616 become "0" at reading.
• 8 bit reading (Read only address 003516)
b7
b7 b6
b0
b5b4b3b2b1b0
(Address 003516)
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com