Electronic Components Datasheet Search
  English  ▼

X  

3823 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 3823
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3823 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 3823 Datasheet HTML 60Page - Renesas Technology Corp 3823 Datasheet HTML 61Page - Renesas Technology Corp 3823 Datasheet HTML 62Page - Renesas Technology Corp 3823 Datasheet HTML 63Page - Renesas Technology Corp 3823 Datasheet HTML 64Page - Renesas Technology Corp 3823 Datasheet HTML 65Page - Renesas Technology Corp 3823 Datasheet HTML 66Page - Renesas Technology Corp 3823 Datasheet HTML 67Page - Renesas Technology Corp 3823 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 76 page
background image
Rev.2.02
Jun 19, 2007
page 64 of 73
REJ03B0146-0202
3823 Group
(VCC = 1.8 to 5.5 V, Ta = –20 to 85 °C, unless otherwise noted)
“H” input voltage
P00–P07, P10–P17,P34–P37, P40, P41, P45, P47, P52,
P53,P56,P60–P67,P70,P71 (CM4= 0)
“H” input voltage
P20–P27, P42–P44,P46,P50, P51, P54, P55, P57
“H” input voltage
RESET
“H” input voltage
XIN
“L” input voltage
P00–P07, P10–P17,P34–P37, P40, P41, P45, P47, P52, P53,
P56,P60–P67,P70,P71 (CM4= 0)
“L” input voltage
P20–P27, P42–P44,P46,P50, P51, P54, P55, P57
“L” input voltage
RESET
“L” input voltage
XIN
VCC
VCC
VCC
VCC
0.3 VCC
0.2 VCC
0.2 VCC
0.2 VCC
VIH
VIH
VIH
VIH
VIL
VIL
VIL
VIL
Symbol
Parameter
Limits
Min.
V
V
V
V
V
V
V
V
Unit
0.7VCC
0.8VCC
0.8VCC
0.8VCC
0
0
0
0
Typ.
Max.
Table 16 Recommended operating conditions (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com