Electronic Components Datasheet Search
  English  ▼

X  

3823 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 3823
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3823 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 3823 Datasheet HTML 45Page - Renesas Technology Corp 3823 Datasheet HTML 46Page - Renesas Technology Corp 3823 Datasheet HTML 47Page - Renesas Technology Corp 3823 Datasheet HTML 48Page - Renesas Technology Corp 3823 Datasheet HTML 49Page - Renesas Technology Corp 3823 Datasheet HTML 50Page - Renesas Technology Corp 3823 Datasheet HTML 51Page - Renesas Technology Corp 3823 Datasheet HTML 52Page - Renesas Technology Corp 3823 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
Rev.2.02
Jun 19, 2007
page 49 of 73
REJ03B0146-0202
3823 Group
PERIPHERAL FUNCTION EXTENSION REGISTER
The serial I/O transfer direction can be switched by setting the bit
0 in the peripheral function expansion register to “1”. This function
is valid only when the bit 6 in the serial I/O control register is set to
“1” (when the clock synchronous serial I/O is selected). P47 can
be selected as the output pin of the clock synchronous serial I/O
by setting the bit 1 in the peripheral function expansion register to
“1”. When setting P47 to the SOUT pin, set the bit 7 in the port P4
direction register to “1”. This function is valid only when the bit 6 in
the serial I/O control register to “1” (when the clock synchronous
serial I/O is selected). P-channel output of TXD and SOUT can be
disabled by the bits 2 and 3 in the peripheral function expansion
register. Set the bit 4 in the UART control register to “1” after se-
lecting the pin to disable the P-channel output. XCIN frequency
signal can be output from the port P41 by setting the bit 4 in the
peripheral function expansion register to “1”. Set the bit 0 in the φ
output control register and the bit 1 in the port P4 direction regis-
ter to “1” to output the XCIN frequency signal.
Fig. 50 Structure of peripheral function extension register
Transfer direction selection bit (valid when UART is used)
0 : LSB first
1 : MSB first
Synchronous serial I/O output pin selection bit
0:P45/TXD pin
1:P47/SRDY/SOUT pin
P-channel output disabled selection bit
00: P45/TXD pin
01: The bit 4 in the UART control register is invalid
10: P45/TXD pin or P47/SRDY/SOUT pin
11: P47/SRDY/SOUT pin
Output clock selection bit
0: φ clock output
1: XCIN frequency signal output
Not used (returns “0” when read)
(Do not write “1” to this bit)
Peripheral function extension register (Address: 003016)
EXP
b7b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com