Electronic Components Datasheet Search
  English  ▼

X  

3823 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 3823
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3823 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 3823 Datasheet HTML 9Page - Renesas Technology Corp 3823 Datasheet HTML 10Page - Renesas Technology Corp 3823 Datasheet HTML 11Page - Renesas Technology Corp 3823 Datasheet HTML 12Page - Renesas Technology Corp 3823 Datasheet HTML 13Page - Renesas Technology Corp 3823 Datasheet HTML 14Page - Renesas Technology Corp 3823 Datasheet HTML 15Page - Renesas Technology Corp 3823 Datasheet HTML 16Page - Renesas Technology Corp 3823 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
Rev.2.02
Jun 19, 2007
page 13 of 73
REJ03B0146-0202
3823 Group
[CPU Mode Register (CPUM)] 003B16
The CPU mode register contains the stack page selection bit and
the internal system clock selection bit.
The CPU mode register is allocated at address 003B16.
Fig. 8 Structure of CPU mode register
Not available
Processor mode bits
b1 b0
0
0 : Single-chip mode
0
1 :
1
0 :
1
1 :
Stack page selection bit
0 : 0 page
1 : 1 page
Not used (returns “1” when read)
(Do not write “0” to this bit)
Port XC switch bit (Note 1)
0 : I/O port function (stop oscillating)
1 : XCIN–XCOUT oscillating function
Main clock (XIN–XOUT) stop bit (Note 2)
0 : Oscillating
1 : Stopped
Main clock division ratio selection bit
0 : f(XIN)/2 (frequency/2 mode), or f(XIN)/4 (frequency/4 mode) (Note 3)
1 : f(XIN)/8 (frequency/8 mode)
Internal system clock selection bit
0 : XIN–XOUT selected (frequency/2/4/8 mode)
1 : XCIN–XCOUT, or on-chip oscillator selected (low-speed mode) (Note 4)
CPU mode register
(CPUM (CM) : address 003B16)
b7
b0
Note 1: In low speed mode (XCIN is selected as the system clock φ), XCIN-XCOUT oscillation does not stop even if the port XC
switch bit is set to "0".
2: In frequency/2/4/8 mode, XIN-XOUT oscillation does not stop even if the main clock (XIN-XOUT) stop bit is set to "1".
3: When the system clock φ is divided by 4 of f(XIN), set the bit 6 in the CPU mode register to “0” after setting the bit 1
in the CPU mode extension register to “1”.
4: When using the on-chip oscillator in low-speed mode, set the bit 7 in the CPU mode register to “1” after setting the
bit 0 in the CPU mode extension register to “1”.
[CPU Mode Extension Register (EXPCM)] 002B16
f(XIN) divided by 4 for the system clock f and the on-chip oscillator
for the system clock f in low-speed mode can be selected by set-
ting the CPU mode extension register. When the system clock f is
divided by 4 of f(XIN), set the bit 6 in the CPU mode register to “0”
after setting the bit 1 in the CPU mode extension register to “1”.
When using the on-chip oscillator in low-speed mode, set the bit 7
in the CPU mode register to “1” after setting the bit 0 in the CPU
mode extension register to “1”.
Fig. 9 Structure of CPU mode extension register
On-chip oscillator control bit
0 : On-chip oscillator not used
(On -chip oscillator sotpping)
1 : On-chip oscillator used (Note 1)
(On -chip oscillator oscillating)
Frequency/4 mode control bit (Note 2)
0 : Frequency/2 mode φ = f(XIN)/2
1 : Frequency/4 mode φ = f(XIN)/4
Not used (returns “0” when read)
(Do not write “1” to this bit)
CPU mode extension register
(EXPCM : address 002B16)
b7
b0
1 : The on-chip oscillator is selected for the operation clock in low-speed mod regardless
of XCIN-XCOUT.
2 : Valid only when the main clock division ratio selection bit (bit 6 in the CPU mode
register) is set to "0".
When "1" (frequency/8 mode) is selected for the main clock division ratio selection bit or
when the internal system clock selection bit is set to 1, set "0" to the frequency/4 mode
control bit.
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com