Electronic Components Datasheet Search
  English  ▼

X  

R8C2H Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # R8C2H
Description  MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2H Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button R8C2H Datasheet HTML 34Page - Renesas Technology Corp R8C2H Datasheet HTML 35Page - Renesas Technology Corp R8C2H Datasheet HTML 36Page - Renesas Technology Corp R8C2H Datasheet HTML 37Page - Renesas Technology Corp R8C2H Datasheet HTML 38Page - Renesas Technology Corp R8C2H Datasheet HTML 39Page - Renesas Technology Corp R8C2H Datasheet HTML 40Page - Renesas Technology Corp R8C2H Datasheet HTML 41Page - Renesas Technology Corp R8C2H Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 67 page
background image
R8C/2H Group, R8C/2J Group
3. Memory
Rev.1.00
Mar 28, 2008
Page 18 of 341
REJ09B0388-0100
Figure 3.2
Memory Map of R8C/2J Group
Undefined instruction
Overflow
BRK instruction
Address match
Single step
Watchdog timer/voltage monitor/comparator
(Reserved)
(Reserved)
Reset
00400h
002FFh
00000h
Internal RAM
SFR
(Refer to 4. Special
Function Registers
(SFRs)
)
0FFFFh
0FFDCh
NOTE:
1. The blank regions are reserved. Do not access locations in these regions.
FFFFFh
0FFFFh
0YYYYh
Internal ROM
(program ROM)
0XXXh
Part Number
Internal ROM
Internal RAM
Size
Size
R5F212J0SNSP, R5F212J0SDSP
R5F212J1SNSP, R5F212J1SDSP
2 Kbytes
4 Kbytes
0F800h
0F000h
256 bytes
384 bytes
004FFh
0057Fh
Address 0YYYYh
Address 0XXXXh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com