Electronic Components Datasheet Search
  English  ▼

X  

R8C2H Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # R8C2H
Description  MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2H Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button R8C2H Datasheet HTML 39Page - Renesas Technology Corp R8C2H Datasheet HTML 40Page - Renesas Technology Corp R8C2H Datasheet HTML 41Page - Renesas Technology Corp R8C2H Datasheet HTML 42Page - Renesas Technology Corp R8C2H Datasheet HTML 43Page - Renesas Technology Corp R8C2H Datasheet HTML 44Page - Renesas Technology Corp R8C2H Datasheet HTML 45Page - Renesas Technology Corp R8C2H Datasheet HTML 46Page - Renesas Technology Corp R8C2H Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 67 page
background image
R8C/2H Group, R8C/2J Group
4. Special Function Registers (SFRs)
Rev.1.00
Mar 28, 2008
Page 23 of 341
REJ09B0388-0100
Table 4.5
SFR Information (5)(1)
X: Undefined
NOTES:
1.
The blank regions are reserved. Do not access locations in these regions
2.
This register is not implemented in the R8C/2J Group.
Address
Register
Symbol
After reset
00F0h
00F1h
00F2h
00F3h
00F4h
00F5h
00F6h
Pin Select Register 2
PINSR2
00h
00F7h
00F8h
Port Mode Register
PMR
00h
00F9h
External Input Enable Register
INTEN
00h
00FAh
INT Input Filter Select Register
INTF
00h
00FBh
Key Input Enable Register
KIEN
00h
00FCh
Pull-Up Control Register 0
PUR0
00h
00FDh
Pull-Up Control Register 1
PUR1
00h
00FEh
00FFh
0100h
Timer RA Control Register
TRACR
00h
0101h
Timer RA I/O Control Register
TRAIOC
00h
0102h
Timer RA Mode Register
TRAMR
00h
0103h
Timer RA Prescaler Register
TRAPRE
FFh
0104h
Timer RA Register
TRA
FFh
0105h
0106h
LIN Control Register
LINCR
00h
0107h
LIN Status Register
LINST
00h
0108h
Timer RB Control Register
TRBCR
00h
0109h
Timer RB One-Shot Control Register
TRBOCR
00h
010Ah
Timer RB I/O Control Register
TRBIOC
00h
010Bh
Timer RB Mode Register
TRBMR
00h
010Ch
Timer RB Prescaler Register
TRBPRE
FFh
010Dh
Timer RB Secondary Register
TRBSC
FFh
010Eh
Timer RB Primary Register
TRBPR
FFh
010Fh
0110h
0111h
0112h
0113h
0114h
0115h
0116h
0117h
0118h
Timer RE Second Data Register / Counter Data Register(2)
TRESEC
XXh
0119h
Timer RE Minute Data Register / Compare Data Register(2)
TREMIN
XXh
011Ah
Timer RE Hour Data Register(2)
TREHR
X0XXXXXXb
011Bh
Timer RE Day of Week Data Register(2)
TREWK
X0000XXXb
011Ch
Timer RE Control Register 1(2)
TRECR1
XXX0X0X0b
011Dh
Timer RE Control Register 2(2)
TRECR2
00XXXXXXb
011Eh
Timer RE Count Source Select Register(2)
TRECSR
00001000b
011Fh
Timer RE Real-Time Clock Precision Adjust Register(2)
TREOPR
00h
0120h
0121h
0122h
0123h
0124h
0125h
0126h
0127h
0128h
0129h
012Ah
012Bh
012Ch
012Dh
012Eh
012Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com