Electronic Components Datasheet Search
  English  ▼

X  

R8C2H Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # R8C2H
Description  MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2H Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button R8C2H Datasheet HTML 12Page - Renesas Technology Corp R8C2H Datasheet HTML 13Page - Renesas Technology Corp R8C2H Datasheet HTML 14Page - Renesas Technology Corp R8C2H Datasheet HTML 15Page - Renesas Technology Corp R8C2H Datasheet HTML 16Page - Renesas Technology Corp R8C2H Datasheet HTML 17Page - Renesas Technology Corp R8C2H Datasheet HTML 18Page - Renesas Technology Corp R8C2H Datasheet HTML 19Page - Renesas Technology Corp R8C2H Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 67 page
background image
B - 3
NOTES:
1.
The blank regions are reserved. Do not access locations in these
regions.
2.
This register is not implemented in the R8C/2J Group.
Address
Register
Symbol
Page
0100h
Timer RA Control Register
TRACR
159
0101h
Timer RA I/O Control Register
TRAIOC
159, 161, 164,
166, 168, 171
0102h
Timer RA Mode Register
TRAMR
160
0103h
Timer RA Prescaler Register
TRAPRE
160
0104h
Timer RA Register
TRA
160
0105h
0106h
LIN Control Register
LINCR
244
0107h
LIN Status Register
LINST
245
0108h
Timer RB Control Register
TRBCR
175
0109h
Timer RB One-Shot Control Register
TRBOCR
175
010Ah
Timer RB I/O Control Register
TRBIOC
176, 178, 182,
185, 189
010Bh
Timer RB Mode Register
TRBMR
176
010Ch
Timer RB Prescaler Register
TRBPRE
177
010Dh
Timer RB Secondary Register
TRBSC
177
010Eh
Timer RB Primary Register
TRBPR
177
010Fh
0110h
0111h
0112h
0113h
0114h
0115h
0116h
0117h
0118h
Timer RE Second Data Register / Counter
Data Register(2)
TRESEC
198, 206
0119h
Timer RE Minute Data Register / Compare
Data Register(2)
TREMIN
198, 206
011Ah
Timer RE Hour Data Registe(2)
TREHR
199
011Bh
Timer RE Day of Week Data Register(2)
TREWK
199
011Ch
Timer RE Control Register 1(2)
TRECR1
200, 207
011Dh
Timer RE Control Register 2(2)
TRECR2
201, 207
011Eh
Timer RE Count Source Select Register(2)
TRECSR
202, 208
011Fh
Timer RE Real-Time Clock Precision Adjust
Register
TREOPR
202
0120h
0121h
0122h
0123h
0124h
0125h
0126h
0127h
0128h
0129h
012Ah
012Bh
012Ch
012Dh
012Eh
012Fh
Address
Register
Symbol
Page
0130h
0131h
0132h
0133h
0134h
0135h
0136h
0137h
0138h
0139h
013Ah
013Bh
013Ch
013Dh
013Eh
013Fh
0140h
0141h
0142h
0143h
0144h
0145h
0146h
0147h
0148h
0149h
014Ah
014Bh
014Ch
014Dh
014Eh
014Fh
0150h
0151h
0152h
0153h
0154h
0155h
0156h
0157h
0158h
0159h
015Ah
015Bh
015Ch
015Dh
015Eh
015Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com