Electronic Components Datasheet Search
  English  ▼

X  

R8C2H Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # R8C2H
Description  MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2H Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button R8C2H Datasheet HTML 48Page - Renesas Technology Corp R8C2H Datasheet HTML 49Page - Renesas Technology Corp R8C2H Datasheet HTML 50Page - Renesas Technology Corp R8C2H Datasheet HTML 51Page - Renesas Technology Corp R8C2H Datasheet HTML 52Page - Renesas Technology Corp R8C2H Datasheet HTML 53Page - Renesas Technology Corp R8C2H Datasheet HTML 54Page - Renesas Technology Corp R8C2H Datasheet HTML 55Page - Renesas Technology Corp R8C2H Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 67 page
background image
R8C/2H Group, R8C/2J Group
5. Resets
Rev.1.00
Mar 28, 2008
Page 32 of 341
REJ09B0388-0100
Table 5.2 shows the Pin Functions while RESET Pin Level is “L”, Figure 5.2 shows the CPU Register Status after
Reset, Figure 5.3 shows the Reset Sequence, and Figure 5.4 shows the OFS Register.
NOTE:
1. Ports P4_3, P4_4, P6_3, and P6_4 are not available in the R8C/2J Group.
Figure 5.2
CPU Register Status after Reset
Figure 5.3
Reset Sequence
Table 5.2
Pin Functions while RESET Pin Level is “L”
Pin Name
Pin Functions
P1, P3_3, P3_7
Input port
P4_3, P4_5 (1)
Input port
P4_4 (1)
Output port
P6_3 to P6_5 (1)
Input port
b19
b0
Interrupt table register(INTB)
Program counter(PC)
User stack pointer(USP)
Interrupt stack pointer(ISP)
Static base register(SB)
Content of addresses 0FFFEh to 0FFFCh
Flag register(FLG)
C
IPL
D
Z
S
B
O
I
U
b15
b0
b15
b0
b15
b0
b8 b7
b15
b0
0000h
0000h
0000h
0000h
0000h
0000h
0000h
Data register(R0)
Data register(R1)
Data register(R2)
Data register(R3)
Address register(A0)
Address register(A1)
Frame base register(FB)
00000h
0000h
0000h
0000h
0000h
Start time of flash memory
(CPU clock
× 14 cycles)
0FFFCh
0FFFEh
0FFFDh
Content of reset vector
CPU clock
Address
(internal address
signal)
NOTES:
1. Hardware reset.
2. When the “L” input width to the RESET pin is set to fOCO-S clock
× 32 cycles or more, setting the RESET pin to “H” also sets the internal
reset signal to “H” at the same.
CPU clock
× 28 cycles
fOCO-S clock
× 32 cycles(2)
fOCO-S
Internal reset
signal
RESET pin
10 cycles or more are needed(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com