Electronic Components Datasheet Search
  English  ▼

X  

R8C2H Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # R8C2H
Description  MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2H Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button R8C2H Datasheet HTML 59Page - Renesas Technology Corp R8C2H Datasheet HTML 60Page - Renesas Technology Corp R8C2H Datasheet HTML 61Page - Renesas Technology Corp R8C2H Datasheet HTML 62Page - Renesas Technology Corp R8C2H Datasheet HTML 63Page - Renesas Technology Corp R8C2H Datasheet HTML 64Page - Renesas Technology Corp R8C2H Datasheet HTML 65Page - Renesas Technology Corp R8C2H Datasheet HTML 66Page - Renesas Technology Corp R8C2H Datasheet HTML 67Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 65 / 67 page
background image
R8C/2H Group, R8C/2J Group
6. Voltage Detection Circuit
Rev.1.00
Mar 28, 2008
Page 45 of 341
REJ09B0388-0100
Figure 6.8
VW2C Register
Voltage Monitor 2 Circuit Control Register (1)
Symbol
Address
After Reset(8)
VW2C
0037h
00000010b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
5.
6.
7.
8.
9. When the VW2C6 bit is set to 1 (voltage monitor 2 reset mode), set the VW2C7 bit to 1 (w hen VCC reaches Vdet2
or below ). (Do not set to 0.)
Set the PRC3 bit in the PRCR register to 1 (w rite enabled) before rew riting to the VW2C register.
When the VW2C register is rew ritten, the VW2C2 bit may be set to 1. Set the VW2C2 bit to 0 after rew riting the
VW2C register.
To use the voltage monitor 2 interrupt to exit stop mode and to return again, w rite 0 to the VW2C1
bit before w riting 1.
The VW2C2 bit is enabled w hen the VCA27 bit in the VCA2 register is set to 1 (voltage detection 2 circuit
enabled).
Set this bit to 0 by a program. When 0 is w ritten by a program, it is set to 0 (and remains unchanged even if 1 is
w ritten to it).
The VW2C6 bit is enabled w hen the VW2C0 bit is set to 1 (voltage monitor 2 interrupt/reset enabled).
The VW2C0 bit is enabled w hen the VCA27 bit in the VCA2 register is set to 1 (voltage detection 2 circuit enabled).
Set the VW2C0 bit to 0 (disable) w hen the VCA27 bit is set to 0 (voltage detection 2 circuit disabled).
To set VW2C0 bit to 1 (enable), follow the procedure show n in Table 6.4 Procedure for Setting Bits
Associated w ith Voltage Monitor 2 Interrupt and Reset.
The VW2C7 bit is enabled w hen the VCAC2 bit in the VCAC register is set to 0 (one edge). Set the VW2C7 bit after
setting the VCAC2 bit to 0.
Bits VW2C2 and VW2C3 remain unchanged after a softw are reset, w atchdog timer reset, voltage monitor 1 reset,
or voltage monitor 2 reset.
VW2C7
Voltage monitor 2 interrupt/reset
generation condition select bit(7, 9)
0 : When VCC reaches Vdet2 or above
1 : When VCC reaches Vdet2 or below
RW
VW2C6
Voltage monitor 2 circuit mode
select bit(5)
0 : Voltage monitor 2 interrupt mode
1 : Voltage monitor 2 reset mode
RW
VW2C3
WDT detection flag(4, 8)
VW2F1
RW
Sampling clock select bits
b5 b4
0 0 : fOCO-S divided by 1
0 1 : fOCO-S divided by 2
1 0 : fOCO-S divided by 4
1 1 : fOCO-S divided by 8
VW2F0
RW
0 : Not detected
1 : Detected
RW
0 : Digital filter enabled mode
(digital filter circuit enabled)
1 : Digital filter disabled mode
(digital filter circuit disabled)
RW
VW2C2
Voltage change detection
flag(3, 4, 8)
VW2C1
Voltage monitor 2 digital filter
disable mode select bit(2)
VW2C0
RW
Voltage monitor 2 interrupt/reset
enable bit(6)
0 : Disable
1 : Enable
b7 b6 b5 b4 b3 b2
0 : Not detected
1 : Vdet2 crossing detected
RW
b1 b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com