Electronic Components Datasheet Search
  English  ▼

X  

AD8675 Datasheet(PDF) 32 Page - Analog Devices

Part # AD8675
Description  30 V, Low Noise, Rail-to-Rail Input/Output, Low Power Operational Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8675 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD8675 Datasheet HTML 28Page - Analog Devices AD8675 Datasheet HTML 29Page - Analog Devices AD8675 Datasheet HTML 30Page - Analog Devices AD8675 Datasheet HTML 31Page - Analog Devices AD8675 Datasheet HTML 32Page - Analog Devices AD8675 Datasheet HTML 33Page - Analog Devices AD8675 Datasheet HTML 34Page - Analog Devices AD8675 Datasheet HTML 35Page - Analog Devices AD8675 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
ADA4084-1/ADA4084-2/ADA4084-4
Data Sheet
Rev. I | Page 32 of 36
LONG-TERM DRIFT
The stability of a precision signal path over its lifetime or
between calibration procedures is dependent on the long-term
stability of the analog components in the path, such as op amps,
references, and data converters. To help system designers
predict the long-term drift of circuits that use the ADA4084-1/
ADA4084-2/ADA4084-4, Analog Devices measured the offset
voltage of multiple units for 10,000 hours (more than 13 months)
using a high precision measurement system, including an
ultrastable oil bath. To replicate real-world system performance,
the devices under test (DUTs) were soldered onto an FR4 PCB
using a standard reflow profile (as defined in the JEDEC J-STD-
020D standard), as opposed to testing them in sockets. This
manner of testing is important because expansion and
contraction of the PCB can apply stress to the integrated circuit
(IC) package and contribute to shifts in the offset voltage.
The ADA4084-1/ADA4084-2/ADA4084-4 have extremely low
long-term drift, as shown in Figure 112. The red, blue, and
green traces show sample units. Note that the mean drift of the
ADA4084-1/ADA4084-2/ADA4084-4 over 10,000 hours is less
than 3 μV, or less than 3% of their maximum specified offset
voltage of 100 µV at room temperature.
15
–15
10
5
0
–5
–10
TIME (Hours)
VSY = 10V
27 UNITS
TA = 25°C
MEAN
MEAN PLUS ONE STANDARD DEVIATION
MEAN MINUS ONE STANDARD DEVIATION
SAMPLE 1
SAMPLE 2
SAMPLE 3
Figure 112. Measured Long-Term Drift of the ADA4084-1/ADA4084-2/
ADA4084-4 Offset Voltage over 10,000 Hours
TEMPERATURE HYSTERESIS
In addition to stability over time as described in the Long-Term
Drift section, it is useful to know the temperature hysteresis,
that is, the stability vs. cycling of temperature. Hysteresis is an
important parameter because it tells the system designer how
closely the signal returns to its starting amplitude after the
ambient temperature changes and subsequent return to room
temperature. Figure 113 shows the change in input offset
voltage as the temperature cycles three times from room
temperature to +125°C to −40°C and back to room temperature.
The dotted line is an initial preconditioning cycle to eliminate
the original temperature-induced offset shift from exposure to
production solder reflow temperatures. In the three full cycles,
the offset hysteresis is typically only 4 μV, or 2% of its 200 µV
maximum offset voltage over the full operating temperature
range. The histogram in Figure 114 shows that the hysteresis is
larger when the device is cycled through only a half cycle, from
room temperature to 125°C and back to room temperature.
TEMPERATURE (°C)
VSY = 10V
100
80
–100
–80
–40
–20
0
20
40
60
80
100
120
60
40
20
0
–20
–40
–60
PRECONDITION
CYCLE 1
CYCLE 2
CYCLE 3
Figure 113. Change in Offset Voltage over Three Full Temperature Cycles
OFFSET VOLTAGE HYSTERESIS (µV)
0
–40
–32
–24
–18
–8
0
8
18
24
32
40
35
30
40
25
20
15
10
5
0
35
30
40
25
20
15
10
5
HALF CYCLE
FULL CYCLE
VSY = 10V
27 UNITS × 3 CYCLES
HALF CYCLE = +26°C, +125°C, +26°C
FULL CYCLE = +26°C, +125°C, +26°C, –40°C, +26°C
Figure 114. Histogram Showing the Temperature Hysteresis of the Offset
Voltage over Three Full Cycles and over Three Half Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com