Electronic Components Datasheet Search
  English  ▼

X  

AD8675 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8675
Description  30 V, Low Noise, Rail-to-Rail Input/Output, Low Power Operational Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8675 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8675 Datasheet HTML 7Page - Analog Devices AD8675 Datasheet HTML 8Page - Analog Devices AD8675 Datasheet HTML 9Page - Analog Devices AD8675 Datasheet HTML 10Page - Analog Devices AD8675 Datasheet HTML 11Page - Analog Devices AD8675 Datasheet HTML 12Page - Analog Devices AD8675 Datasheet HTML 13Page - Analog Devices AD8675 Datasheet HTML 14Page - Analog Devices AD8675 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Data Sheet
ADA4084-1/ADA4084-2/ADA4084-4
Rev. I | Page 11 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
±1.5 V CHARACTERISTICS
120
0
–100
–50
50
0
100
VOS (µV)
20
40
60
80
100
VSY = ±1.5V
TA = 25°C
RL = ∞
–25
25
–75
75
Figure 10. Input Offset Voltage (VOS) Distribution, SOIC
0
10
20
30
40
50
60
70
80
90
100
–100
–75
–50
–25
0
25
50
75
100
VOS (µV)
VSY = ±1.5V
TA = 25°C
RL = ∞
Figure 11. Input Offset Voltage (VOS) Distribution, SOT-23
50
0
–100
–50
–25
25
–75
75
50
0
100
VOS (µV)
VSY = ±1.5V
TA = 25°C
RL = ∞
5
10
15
20
25
30
35
40
45
Figure 12. Input Offset Voltage (VOS) Distribution, MSOP and TSSOP
0
50
100
150
200
–200
–150
–100
–50
0
50
100
VOS (µV)
VSY = ±1.5V
TA = 25°C
RL = ∞
Figure 13. Input Offset Voltage (VOS) Distribution, LFCSP
60
0
0
2.0
TCVOS (µV/°C)
VSY = ±1.5V
RL = ∞
–40°C ≤ TA ≤ +125°C
10
20
30
40
50
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Figure 14. TCVOS Distribution, SOIC, MSOP, and TSSOP
0
2
4
6
8
10
12
14
16
18
20
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
TCVOS (µV/°C)
VSY = ±1.5V
RL = ∞
–40°C
≤ TA ≤ +125°C
Figure 15. TCVOS Distribution, SOT-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com