Electronic Components Datasheet Search
  English  ▼

X  

AD8675 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8675
Description  30 V, Low Noise, Rail-to-Rail Input/Output, Low Power Operational Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8675 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8675 Datasheet HTML 3Page - Analog Devices AD8675 Datasheet HTML 4Page - Analog Devices AD8675 Datasheet HTML 5Page - Analog Devices AD8675 Datasheet HTML 6Page - Analog Devices AD8675 Datasheet HTML 7Page - Analog Devices AD8675 Datasheet HTML 8Page - Analog Devices AD8675 Datasheet HTML 9Page - Analog Devices AD8675 Datasheet HTML 10Page - Analog Devices AD8675 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Data Sheet
ADA4084-1/ADA4084-2/ADA4084-4
Rev. I | Page 7 of 36
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
Supply Voltage
±18 V
Input Voltage
V− ≤ VIN ≤ V+
Differential Input Voltage1
±0.6 V
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering 60 sec)
300°C
ESD
Human Body Model2
4.5 kV
Machine Model3
200 V
Field-Induced Charged-Device Model
(FICDM)4
1.25 kV
1
For input differential voltages greater than 0.6 V, limit the input current to
less than 5 mA to prevent degradation or destruction of the input devices.
2
Applicable standard: MIL-STD-883, Method 3015.7.
3
Applicable standard: JESD22-A115-A (ESD machine model standard of
JEDEC).
4
Applicable standard: JESD22-C101-C (ESD FICDM standard of JEDEC).
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the device soldered on a 4-layer JEDEC
standard printed circuit board (PCB) with zero airflow.
Table 6. Thermal Resistance
Package Type
θJA
θJC
Unit
5-Lead SOT-23 (RJ-5)
219.4
155.6
°C/W
8-Lead SOIC_N (R-8)
121
43
°C/W
8-Lead MSOP (RM-8)
142
45
°C/W
8-Lead LFCSP (CP-8-11)1, 3
84
40
°C/W
14-Lead TSSOP (RU-14)
112
43
°C/W
16-Lead LFCSP (CP-16-17)2, 3
55
30
°C/W
1
Values are based on 4-layer (2S2P) JEDEC standard PCB, with four thermal
vias. Exposed pad soldered to PCB.
2
Values are based on 4-layer (2S2P) JEDEC standard PCB, with nine thermal
vias. Exposed pad soldered to PCB.
3
θJC measured on top of package.
ESD CAUTION
D2
D101
D100
D5
D4
D1
Q1
Q4
Q3
Q24
Q21
D20
Q13
Q18
Q19
Q23
Q2
FOLDED
CASCADE
VEE
VOUT
VCC
VBIAS
MIRROR
R4
R5
R6
R7 C2
C1
R1
R2
R3
Figure 2. Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com