Electronic Components Datasheet Search
  English  ▼

X  

AD8675 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8675
Description  30 V, Low Noise, Rail-to-Rail Input/Output, Low Power Operational Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8675 Datasheet(HTML) 1 Page - Analog Devices

  AD8675 Datasheet HTML 1Page - Analog Devices AD8675 Datasheet HTML 2Page - Analog Devices AD8675 Datasheet HTML 3Page - Analog Devices AD8675 Datasheet HTML 4Page - Analog Devices AD8675 Datasheet HTML 5Page - Analog Devices AD8675 Datasheet HTML 6Page - Analog Devices AD8675 Datasheet HTML 7Page - Analog Devices AD8675 Datasheet HTML 8Page - Analog Devices AD8675 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
30 V, Low Noise, Rail-to-Rail Input/Output,
Low Power Operational Amplifiers
Data Sheet
ADA4084-1/ADA4084-2/ADA4084-4
Rev. I
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Rail-to-rail input/output
Low power: 0.625 mA typical per amplifier at ±15 V
Gain bandwidth product: 15.9 MHz at AV = 100 typical
Unity-gain crossover: 9.9 MHz typical
−3 dB closed-loop bandwidth: 13.9 MHz typical at ±15 V
Low offset voltage: 100 µV maximum (SOIC)
Unity-gain stable
High slew rate: 4.6 V/µs typical
Low noise: 3.9 nV/√Hz typical at 1 kHz
Long-term offset voltage drift (10,000 hours): 3 µV typical
Temperature hysteresis: 4 µV typical
APPLICATIONS
Battery-powered instrumentation
High-side and low-side sensing
Power supply control and protection
Telecommunications
Digital-to-analog converter (DAC) output amplifiers
Analog-to-digital converter (ADC) input buffers
PIN CONNECTION DIAGRAM
NOTES
1. FOR THE LFCSP PACKAGE,
THE EXPOSED PAD MUST BE
CONNECTED TO V–.
3
+IN A
4
V–
1
OUT A
2
–IN A
6 –IN B
5 +IN B
8 V+
7 OUT B
ADA4084-2
Figure 1. ADA4084-2, 8-Lead LFCSP (CP); for Additional Packages and
Models, See the Pin Configurations and Function Descriptions Section
GENERAL DESCRIPTION
The ADA4084-1 (single), ADA4084-2 (dual), and ADA4084-4
(quad) are single-supply, 10 MHz bandwidth amplifiers featuring
rail-to-rail inputs and outputs. They are guaranteed to operate
from +3 V to +30 V (or ±1.5 V to ±15 V).
These amplifiers are well suited for single-supply applications
requiring both ac and precision dc performance. The combination
of wide bandwidth, low noise, and precision makes the
ADA4084-1/ADA4084-2/ADA4084-4 useful in a wide variety of
applications, including filters and instrumentation.
Other applications for these amplifiers include portable telecom-
munications equipment, power supply control and protection, and
use as amplifiers or buffers for transducers with wide output
ranges. Sensors requiring a rail-to-rail input amplifier include
Hall effect, piezoelectric, and resistive transducers.
The ability to swing rail to rail at both the input and output
enables designers to build multistage filters in single-supply
systems and to maintain high signal-to-noise ratios.
The ADA4084-1/ADA4084-2/ADA4084-4 are specified over
the industrial temperature range of −40°C to +125°C.
The single ADA4084-1 is available in the 5-lead SOT-23 and
8-lead SOIC; the dual ADA4084-2 is available in the 8-lead
SOIC, 8-lead MSOP, and 8-lead LFCSP surface-mount
packages; and the ADA4084-4 is offered in the 14-lead TSSOP
and 16-lead LFCSP.
The ADA4084-1/ADA4084-2/ADA4084-4 are members of a
growing series of high voltage, low noise op amps offered by
Analog Devices, Inc. (see Table 1).
Table 1. Low Noise Op Amps
Single
Dual
Quad
Voltage Noise
AD8597
AD8599
1.1 nV/Hz
ADA4004-1
ADA4004-2
ADA4004-4
1.8 nV/Hz
AD8675
AD8676
2.8 nV/Hz rail-to-rail output
AD8671
AD8672
AD8674
2.8 nV/Hz
OP27, OP37
3.2 nV/Hz
ADA4084-1
ADA4084-2
ADA4084-4
3.9 nV/Hz rail-to-rail
input/output


Similar Part No. - AD8675

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8675 AD-AD8675 Datasheet
296Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
10/05-Revision 0
AD8675 AD-AD8675 Datasheet
366Kb / 12P
36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
REV. A
AD8675 AD-AD8675 Datasheet
804Kb / 24P
30 V, Low Noise, Rail-to-Rail
REV. A
AD8675 AD-AD8675 Datasheet
924Kb / 24P
Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD8675 AD-AD8675 Datasheet
854Kb / 28P
True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL
REV. D
More results

Similar Description - AD8675

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
Aug-1999
logo
Analog Devices
AD8605 AD-AD8605 Datasheet
559Kb / 20P
Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
5/04-Data Sheet Changed from Rev. C to Rev. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
logo
STMicroelectronics
LMV321 STMICROELECTRONICS-LMV321 Datasheet
195Kb / 14P
Low cost low power input/output rail-to-rail operational amplifiers
20-Feb-2008
logo
Analog Devices
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
logo
Texas Instruments
TLV2460-Q1 TI1-TLV2460-Q1_16 Datasheet
2Mb / 46P
Low-Power Rail-to-Rail Input/Output Operational Amplifiers
logo
Analog Devices
ADA4084-1 AD-ADA4084-1 Datasheet
975Kb / 35P
30 V, Low Noise, Rail-to-Rail Input/Output, Low Power Operational Amplifiers
Rev. H
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
1.8 V input/output, rail-to-rail, low power operational amplifiers
12-Mar-2010
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
logo
Texas Instruments
TLV9702 TI1-TLV9702 Datasheet
1Mb / 39P
Low Noise, Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com