Electronic Components Datasheet Search
  English  ▼

X  

AD8675 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8675
Description  30 V, Low Noise, Rail-to-Rail Input/Output, Low Power Operational Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8675 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8675 Datasheet HTML 5Page - Analog Devices AD8675 Datasheet HTML 6Page - Analog Devices AD8675 Datasheet HTML 7Page - Analog Devices AD8675 Datasheet HTML 8Page - Analog Devices AD8675 Datasheet HTML 9Page - Analog Devices AD8675 Datasheet HTML 10Page - Analog Devices AD8675 Datasheet HTML 11Page - Analog Devices AD8675 Datasheet HTML 12Page - Analog Devices AD8675 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Data Sheet
ADA4084-1/ADA4084-2/ADA4084-4
Rev. I | Page 9 of 36
+IN A
V–
OUT A
–IN A
–IN B
+IN B
V+
OUT B
1
2
3
4
8
7
6
5
ADA4084-2
TOP VIEW
(Not to Scale)
Figure 6. ADA4084-2, 8-Lead MSOP (RM)
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
ADA4084-2
TOP VIEW
(Not to Scale)
Figure 7. ADA4084-2, 8-Lead SOIC (R)
Table 10. 8-Lead MSOP, 8-Lead SOIC, ADA4084-2 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
OUT A
Output, Channel A
2
−IN A
Negative Input, Channel A
3
+IN A
Positive Input, Channel A
4
V−
Negative Supply
5
+IN B
Positive Input, Channel B
6
−IN B
Negative Input, Channel B
7
OUT B
Output, Channel B
8
V+
Positive Supply B
OUT B
+IN B
–IN B
V+
–IN A
+IN A
OUT A
OUT C
+IN C
–IN C
V–
–IN D
+IN D
OUT D
1
2
3
4
5
6
7
14
13
12
11
10
9
8
ADA4084-4
TOP VIEW
(Not to Scale)
Figure 8. ADA4084-4, 14-Lead TSSOP (RU)
Table 11. 14-Lead TSSOP, ADA4804-4 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
OUT A
Output, Channel A
2
−IN A
Negative Input, Channel A
3
+IN A
Positive Input, Channel A
4
V+
Positive Supply
5
+IN B
Positive Input, Channel B
6
−IN B
Negative Input, Channel B
7
OUT B
Output, Channel B
8
OUT C
Output, Channel C
9
−IN C
Negative Input, Channel C
10
+IN C
Positive Input, Channel C
11
V−
Negative Supply
12
+IN D
Positive Input, Channel D
13
−IN D
Negative Input, Channel D
14
OUT D
Output, Channel D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com